Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IZ44780-01 Datasheet(PDF) 7 Page - Integral Corp.

Part # IZ44780-01
Description  DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ44780-01 Datasheet(HTML) 7 Page - Integral Corp.

Back Button IZ44780-01 Datasheet HTML 2Page - Integral Corp. IZ44780-01 Datasheet HTML 3Page - Integral Corp. IZ44780-01 Datasheet HTML 4Page - Integral Corp. IZ44780-01 Datasheet HTML 5Page - Integral Corp. IZ44780-01 Datasheet HTML 6Page - Integral Corp. IZ44780-01 Datasheet HTML 7Page - Integral Corp. IZ44780-01 Datasheet HTML 8Page - Integral Corp. IZ44780-01 Datasheet HTML 9Page - Integral Corp. IZ44780-01 Datasheet HTML 10Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IN44780U
7
TERMINAL DESCRIPTION
Pin
INPUT/OUTPUT
Name
DESCRIPTION
INTERFACE
VDD
Operating Voltage
For logical circuit (+5V
± 10%)
Power
VSS
Power
0V(GND)
Supply
V1 – V5
Negative Supply
Voltage
Bias voltage level for LCD driving
SEG1–
SEG40
Output
Segment output
Segment signal output for LCD driving
LCD
COM1–
COM16
Output
Common output
Common signal output for LCD driving
LCD
OSC1
OSC2
Input
Output
Oscillator
Both pin connected to Rf resistor or
ceramic resonator for internal oscillator
circuit. In case of external frequency
use only, the frequency is input to
OSC1 terminal.
Resistor or
Ceramic
Resonator
CLK1
Data latch clock
Clock output terminal for the serially
transferred data to be latched to the
driver.
CLK2
Output
Data shift clock
Clock output terminal used when D
terminal data output shifts the inside of
the driver.
HD44100,
KS0065,
IZ0065
M
Alternated signal
for LCD driver
output
The alternating signal to convert LCD
drive waveform to AC.
D
Display data
interface
Character pattern data, which is
corresponding to each common signal,
is supplied to driver serially.
High
Selection
Low
Non selection
E
Input
Enable
Start anable signal to read or write the
data
MPU
R/W
Read/Write
R/W signal input is used to select the
read/write mode
High
Read mode
Low
Write mode
RS
Register select
Register selection input
High
Data register (for read
and write)
Low
Instruction register
(for write), Busy flag,
address counter (for
read)
DB0
DB7
Input/Output
Data interface
Used for data transfer between the
MPU and IZ44780. These terminals
are for data bus with bidirectional
three-state.
Initial 4 bit (DB0-DB3) are not used
during 4 bit operation (DB7 can be
used as a busy flag)


Similar Part No. - IZ44780-01

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IZ44780-01 INTEGRAL-IZ44780-01 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
More results

Similar Description - IZ44780-01

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD66712 HITACHI-HD66712 Datasheet
662Kb / 88P
   Dot-Matrix Liquid Crystal Display Controller/Driver
logo
KODENSHI_AUK CORP.
KK44780 KODENSHI-KK44780 Datasheet
366Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66710 HITACHI-HD66710 Datasheet
507Kb / 73P
   (Dot Matrix Liquid Crystal Display Controller/Driver)
HD44780U HITACHI-HD44780U Datasheet
316Kb / 59P
   Dot Matrix Liquid Crystal Display Controller/Driver
logo
Integral Corp.
IN44780 INTEGRAL-IN44780 Datasheet
345Kb / 10P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
IZD1520U INTEGRAL-IZD1520U Datasheet
221Kb / 12P
   DOT MATRIX LIQUID CRYSTAL DISPLAY CONTROLLER & DRIVER
logo
Hitachi Semiconductor
HD66780 HITACHI-HD66780 Datasheet
2Mb / 48P
   Dot Matrix Liquid Crystal Display Controller and Driver
HD66717 HITACHI-HD66717 Datasheet
716Kb / 90P
   (Low-Power Dot-Matrix Liquid Crystal Display Controller/Driver)
HD44102 HITACHI-HD44102 Datasheet
911Kb / 22P
   Dot Matrix Liquid Crystal Graphic Display Column Driver)
logo
List of Unclassifed Man...
AX6108 ETC2-AX6108 Datasheet
243Kb / 31P
   Dot Matrix Liquid Crystal Graphic Display Column Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com