Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P6SMAL12A Datasheet(PDF) 4 Page - WeEn Semiconductors

Part No. P6SMAL12A
Description  600W Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

P6SMAL12A Datasheet(HTML) 4 Page - WeEn Semiconductors

  P6SMAL12A Datasheet HTML 1Page - WeEn Semiconductors P6SMAL12A Datasheet HTML 2Page - WeEn Semiconductors P6SMAL12A Datasheet HTML 3Page - WeEn Semiconductors P6SMAL12A Datasheet HTML 4Page - WeEn Semiconductors P6SMAL12A Datasheet HTML 5Page - WeEn Semiconductors P6SMAL12A Datasheet HTML 6Page - WeEn Semiconductors P6SMAL12A Datasheet HTML 7Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
WeEn Semiconductors
P6SMAL series
600W Transient Voltage Suppressor
P6SMAL series
Product data sheet
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2021. All rights reserved
08 February 2021
4 / 7
P6 SMAL xx xx
SMA Package (L-lead)
Reverse Standard off Voltage V
R
A: Uni-directional
CA: Bi-directional
Power rating 600W
XXXXXH
YWWDXX
Product Type Marking Code
Trace Code Marking
Y: Year Code
WW: Week Code
XX: Assembly Lot Code
(for uni-directional products only)
Cathode band
Fig. 7. Part numbering
Fig. 8. Part marking


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn