Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P6SMAL12A Datasheet(PDF) 1 Page - WeEn Semiconductors

Part No. P6SMAL12A
Description  600W Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

P6SMAL12A Datasheet(HTML) 1 Page - WeEn Semiconductors

  P6SMAL12A Datasheet HTML 1Page - WeEn Semiconductors P6SMAL12A Datasheet HTML 2Page - WeEn Semiconductors P6SMAL12A Datasheet HTML 3Page - WeEn Semiconductors P6SMAL12A Datasheet HTML 4Page - WeEn Semiconductors P6SMAL12A Datasheet HTML 5Page - WeEn Semiconductors P6SMAL12A Datasheet HTML 6Page - WeEn Semiconductors P6SMAL12A Datasheet HTML 7Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
P6SMAL Series
600W Transient Voltage Suppressor
Rev.01 - 08 February 2021
Product data sheet
1. General description
600W transient voltage suppressor (TVS) in SMA package, designed
to protect electronic circuit which induced by lightning surge or other
transient voltage situation.
2. Features and benefits
Peak pulse power 600W @ 10/1000μs waveform
SMA low profile package: less than 1.1 mm
Excellent clamping capability
Low incremental surge resistance
Surface mount package for easy assembly and board space saving
Typical IR < 1μA When VR > 12V
Fast response time: Typically less than 1.0ps from 0V to BV min
IEC 61000-4-2 ESD 30kV (Air), 30kV (Contact)
EFT protection of data lines in accordance with IEC 61000-4-4
High temperature to reflow soldering guaranteed: 260°C/10sec
Meet UL94V-0 flammability classification which guaranteed by
mold compound
Meet MSL level1, per J-STD-020
Lead free lead finish
Halogen free and RoHS compliant
3. Applications
Power supply protection
Industrial application
Power management
I/O interface protection
5. Absolute maximum ratings
In accordance with the Absolute Maximum Rating System (IEC 60134).
Tj = 25 °C unless otherwise specified.
Symbol Parameter
Conditions
Values
Unit
Absolute maximum rating
PPPM
peak pulse power
[1]
600
W
PM(AV)
steady state power dissipation on infinite heatsink at Ta = 50 °C
3
W
IFSM
peak forward surge current
tp = 8.3 ms; single half sine-wave pulse;
duty cycle = 4 pulses per minute
maximum; unidirectional units only
60
A
VF
forward on-state voltage
IF = 25 A; unidirectional units only
3.5
V
Tstg
storage temperature range
-65 to 150
°C
Tj
operating temperature range
-65 to 150
°C
[1] In accordance with IEC 61643-321 (10/1000 μs current waveform).
Uni-directional
Cathode
Anode
Bi-directional
RoHS
halogen-Free
4. Ordering information
Type number
Package
name
Orderable part number Packing
method
Small packing
quantity
Package
version
Package
issue date
P6SMALxxxXX
SMAL
P6SMALxxxXX
Tape and reel
3000
SMALH
18-Oct-2020
eg. P6SMAL5.0A
SMAL
P6SMAL5.0AX
Tape and reel
3000
SMALH
18-Oct-2020


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn