Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL2100 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HSDL2100
Description  Infrared IrDA Compliant Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL2100 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HSDL2100 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL2100 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL2100 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL2100 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL2100 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL2100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL2100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL2100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL2100 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Truth Table
Inputs
Outputs
TXD
EI
IE (LED)
RXD-A
RXD-B
VIH
X
High (On)
NV
NV
VIL
EIH[1]
Low (Off)
Low[3]
NV
VIL
EIH[2]
Low (Off)
NV
Low[3]
VIL
EIL
Low (Off)
High
High
X = Don’t care; NV = Not Valid
Notes:
1. In-Band EI
≤ 115.2 Kb/s.
2. In-Band EI
≥ 1.15 Mb/s.
3. Logic Low is a pulsed response. The condition is maintained for a duration dependent on pattern and strength of the incident intensity.
Absolute Maximum Ratings[4]
Parameter
Symbol
Min.
Max.
Units
Conditions
Storage Temperature
TS
-20
85
°C
Operating Temperature
TA
070
°C
Average LED Current
ILED(DC1)
100
mA
Average LED Current
ILED(DC2)
165
mA
≤ 90 ms Pulse Width,
≤ 25% Duty Cycle
Repetitive Pulsed LED Current
ILED(RP)
350[5]
660[5]
mA
≤ 90 ms Pulse Width,
≤ 25% Duty Cycle
Peak LED Current
ILED(PK)
750
mA
≤ 2 ms Pulse Width,
≤ 10% Duty Cycle
LED Anode Voltage
VLEDA
-0.5
7
V
Supply Voltage
VCC
07
V
Transmitter Data
ITXD(DC)
-12
12
mA
Input Current
Receiver Data Output Voltage
VRXD-A
-0.5
VCC + 0.5
V
VRXD-B
-0.5
VCC + 0.5
V
Notes:
4. For implementations where case to ambient thermal resistance
≤ 50°C/W.
5. See the thermal derating curves on pages 10 and 11 for maximum operating conditions in order to maintain T junction <125
°C.
Note: Performance is guaranteed in the operating temperature range of 0
°C to 70°C. The information provided outside of this range is
for reference only.


Similar Part No. - HSDL2100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
HSDL-1000 HP-HSDL-1000 Datasheet
43Kb / 6P
   General Application Guide for the HSDL-1100 4 Mb/s Infrared Transceiver
HSDL-1001 HP-HSDL-1001 Datasheet
152Kb / 8P
   Infrared IrDA Compliant Transceiver
HSDL-1100 HP-HSDL-1100 Datasheet
43Kb / 6P
   General Application Guide for the HSDL-1100 4 Mb/s Infrared Transceiver
HSDL-1100 HP-HSDL-1100 Datasheet
204Kb / 12P
   Infrared Transceiver
More results

Similar Description - HSDL2100

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
HSDL-1001 HP-HSDL-1001 Datasheet
152Kb / 8P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7T CITIZEN-CIM-51M7T Datasheet
429Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51S12RV CITIZEN-CIM-51S12RV Datasheet
322Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-123S13R CITIZEN-CIM-123S13R Datasheet
302Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com