Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP5654-KG-MPAD Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # SP5654-KG-MPAD
Description  2.7GHz 3-WIRE BUS CONTROLLED SYNTHESISER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5654-KG-MPAD Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button SP5654-KG-MPAD Datasheet HTML 6Page - Zarlink Semiconductor Inc SP5654-KG-MPAD Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5654-KG-MPAD Datasheet HTML 8Page - Zarlink Semiconductor Inc SP5654-KG-MPAD Datasheet HTML 9Page - Zarlink Semiconductor Inc SP5654-KG-MPAD Datasheet HTML 10Page - Zarlink Semiconductor Inc SP5654-KG-MPAD Datasheet HTML 11Page - Zarlink Semiconductor Inc SP5654-KG-MPAD Datasheet HTML 12Page - Zarlink Semiconductor Inc SP5654-KG-MPAD Datasheet HTML 13Page - Zarlink Semiconductor Inc SP5654-KG-MPAD Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SP5654
8
vREF
400
RF INPUTS
vCC
DRIVE
OUTPUT
CHARGE
PUMP
170
Mode select input
Data, Clock, Enable inputs
400
VADIS
(o/p disable)
CRYSTAL
Reference oscillator
CC
V
Output ports P0–P3 and lock output
OUTPUT
I/P
CC
V
67k
3k
CC
V
Fig. 7. Input/Output interface circuits
RF inputs
Loop amplifier
v
CC
20k
I/P
3k
20k


Similar Part No. - SP5654-KG-MPAD

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5655 MITEL-SP5655 Datasheet
220Kb / 12P
   2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5655KG MITEL-SP5655KG Datasheet
220Kb / 12P
   2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5655KGMPAS MITEL-SP5655KGMPAS Datasheet
220Kb / 12P
   2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5655SKG MITEL-SP5655SKG Datasheet
220Kb / 12P
   2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
SP5655SKGMPAD MITEL-SP5655SKGMPAD Datasheet
220Kb / 12P
   2쨌7GHz Bidirectional I2C Bus Controlled Synthesiser
More results

Similar Description - SP5654-KG-MPAD

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5668 MITEL-SP5668 Datasheet
163Kb / 12P
   2.7GHz 3-Wire Bus Controlled Synthesiser
SP5658 MITEL-SP5658 Datasheet
281Kb / 14P
   2.7GHz 3-Wire Bus Controlled Frequency Synthesiser
SP5669 MITEL-SP5669 Datasheet
237Kb / 15P
   2.7GHz I2C Bus Controlled Synthesiser
SP5669 MITEL-SP5669_97 Datasheet
198Kb / 12P
   2.7GHz I2C Bus Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5024 ZARLINK-SP5024 Datasheet
320Kb / 8P
   3-Wire Bus Controlled Synthesiser
logo
Mitel Networks Corporat...
SP5054 MITEL-SP5054 Datasheet
279Kb / 9P
   2.6GHz 3-Wire BUS Controlled Synthesiser
logo
Zarlink Semiconductor I...
SP5524 ZARLINK-SP5524 Datasheet
286Kb / 10P
   Bidirectional I2C Bus Controlled Synthesiser
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
   2.7GHz Parallel Load Professional Synthesiser
logo
Mitel Networks Corporat...
SP5611 MITEL-SP5611 Datasheet
222Kb / 12P
   1쨌3GHz Bidirectional I2C Bus Controlled Synthesiser
SP5510 MITEL-SP5510 Datasheet
268Kb / 10P
   1.3GHz Bidirectional I2C BUS Controlled Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com