Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

THS7353 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. THS7353
Description  3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7353 Datasheet(HTML) 5 Page - Texas Instruments

  THS7353 Datasheet HTML 1Page - Texas Instruments THS7353 Datasheet HTML 2Page - Texas Instruments THS7353 Datasheet HTML 3Page - Texas Instruments THS7353 Datasheet HTML 4Page - Texas Instruments THS7353 Datasheet HTML 5Page - Texas Instruments THS7353 Datasheet HTML 6Page - Texas Instruments THS7353 Datasheet HTML 7Page - Texas Instruments THS7353 Datasheet HTML 8Page - Texas Instruments THS7353 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
www.ti.com
THS7353
SLOS484 – NOVEMBER 2005
ELECTRICAL CHARACTERISTICS, V
S+ = 3.3 V (continued)
R
L = 150 Ω to GND, Filter Select = 9 MHz, Input Bias = dc, Gain Adjust pin shorted to the output pin (unless otherwise noted)
TYP
OVERTEMPERATURE
PARAMETER
TEST CONDITIONS
–40
°C to
25
°C
25
°C
0
°C to 70°C
UNITS
MIN/MAX
85
°C
POWER SUPPLY
Maximum operating voltage
3.3
5.5
5.5
5.5
V
Max
Minimum operating voltage
3.3
2.7
2.7
2.7
V
Min
Maximum quiescent current
Per channel VI = 400 mV
5.9
7.1
7.3
7.4
mA
Max
Minimum quiescent current
Per channel VI = 400 mV
5.9
4.7
4.5
4.4
mA
Min
Total quiescent current
All channels ON, VI = 400 mV(3)
16.2
mA
Power supply rejection
VS+ = 3.5 V to 3.1 V
48
40
38
37
dB
Min
(+PSRR)
DISABLE CHARACTERISTICS
Quiescent current
All 3 channels disabled (4)
0.1
µA
Turn-on time delay (tON)
Time reaches 50% of final value after
5
µs
I2C control is completed
Turn-on time delay (tOFF)
2
µs
(3)
Due to sharing of internal bias circuitry, the quiescent current, with all channels operating, is less than the single individual channel
quiescent currents added together.
(4)
Note that the I2C circuitry is still active while in Disable mode. The current shown is while there is no activity with the THS7353’s I2C
circuitry.
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
THS7303 3-Channel Low Power Video Amplifier with I2C Control Selectable Filters 6-dB Gain SAG Correction 2:1 Input MUX and Selectable Input Bias Modes 1  2  3  4  5  More Texas Instruments
THS7327 3-Channel RGBHV Video Buffer with I2C Control Selectable Filters Monitor Pass-Thru 2:1 Input MUX and Selectable Input Bias Modes 1  2  3  4  5  More Texas Instruments
SY89113U 2.5V Low Jitter Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Intermal Termination 1  2  3  4  5  More Micrel Semiconductor
TPA0212 STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1  2  3  4  5  More Texas Instruments
TPA0222 STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1  2  3  4  5  More Texas Instruments
TPA0312 2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL 1  2  3  4  5  More Texas Instruments
LM4849 Stereo 2W Audio Power Amplifiers with DC Volume Control and Input Mux 1  2  3  4  5  More National Semiconductor (TI)
LM4835 Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain 1  2  3  4  5  More National Semiconductor (TI)
LM4836 Stereo 2W Audio Power Amplifiers with DC Volume Control Bass Boost and Input Mux 1  2  3  4  5  More National Semiconductor (TI)
LM4838 Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn