Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2734 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2734
Description  Full-Swing Input and Output type Quad Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2734 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2734 Datasheet HTML 1Page - New Japan Radio NJM2734 Datasheet HTML 2Page - New Japan Radio NJM2734 Datasheet HTML 3Page - New Japan Radio NJM2734 Datasheet HTML 4Page - New Japan Radio NJM2734 Datasheet HTML 5Page - New Japan Radio NJM2734 Datasheet HTML 6Page - New Japan Radio NJM2734 Datasheet HTML 7Page - New Japan Radio NJM2734 Datasheet HTML 8Page - New Japan Radio NJM2734 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NJM2734
- 2 -
Ver.2005-01-26
■ ABSOLUTE MAXIMUM RATINGS
(Ta=25ûC)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V
+
7.0
V
Differential Input Voltage Range
VID
±1.0 (Note1)
V
Common Mode Input Voltage Range
VIC
0 ~ 7.0 (Note1)
V
Power Dissipation
PD
(DIP14) 700
(DMP14) 520 (Note2)
(EMP14) 720 (Note2)
(SSOP14) 450 (Note2)
mW
Operating Temperature Range
Topr
-40~+85
ûC
Storage Temperature Range
Tstg
-40~+125
ûC
(Note1) For supply voltage less than 7V, the absolute maximum input voltage is equal to the supply voltage.
(Note2) On the PCB “ EIA/JEDEC (76.2
×114.3×1.6mm, two layers, FR-4) “
■ RECOMMENDED OPERATING CONDITION
(Ta=25ûC)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
V
+
1.8 to 6.0
V
■ ELECTRICAL CHARACTERISTICS (V+=5V, Ta=25ûC)
●DC CHARACTERISTICS
(V+=5V, Ta=25ûC)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Operating Current
ICC
No signal applied
-
1.2
1.8
mA
Input Offset Voltage
VIO
-
1
5
mV
Input Bias Current
IB
-
50
250
nA
Input Offset Current
IIO
-
5
100
nA
Large Signal Voltage Gain
AV
RL=2kΩ to 2.5V
60
85
-
dB
Common Mode Rejection Ratio
CMR
CMR+: 2.5V≤VCM ≤5V (Note3)
CMR -: 0V≤VCM≤2.5V (Note3)
55
70
dB
Supply Voltage Rejection Ratio
SVR
V
+/V-=±2.0V ~ ±3.0V
70
85
-
dB
VOH1
RL=20kΩ to 2.5V
4.9
4.95
-
V
Maximum Output Voltage 1
VOL1
RL=20kΩ to 2.5V
-
0.05
0.1
V
VOH2
RL=2kΩ to 2.5V
4.75
4.85
-
V
Maximum Output Voltage 2
VOL2
RL=2kΩ to 2.5V
-
0.15
0.25
V
Input Common Mode Voltage Range
VICM
CMR≥55dB
0
-
5
V
(Note3)
CMR is represented by either CMR+ or CMR- has lower value.
CMR+ is measured with 2.5V≤VCM≤5.0 and CMR- is measured with 0V≤VCM≤2.5V.
●AC CHARACTERISTICS
(V+=5V, Ta=25ûC)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Unity Gain Bandwidth
GB
RL=2kΩ to 2.5V
-
1
-
MHz
Phase Margin
ΦM
RL=2kΩ to 2.5V
-
75
-
Deg
Equivalent Input Noise Voltage
VNI
f=1kHz
-
10
-
nV/√Hz
Amp to Amp Separation
CS
f=1kHz
RL=2kΩ to 2.5V, Vo=1.2Vrms
-
133
-
dB
●TRANSIENT CHARACTERISTICS
(V+=5V, Ta=25ûC)
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Slew Rate
SR
RL=2kΩ to 2.5V
-
0.4
-
V/µs


Similar Part No. - NJM2734

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2734 NJRC-NJM2734 Datasheet
1Mb / 18P
   14V, 10nV/?숰z, 300關A/ch, Rail-to-Rail Input/Output Operational Amplifier
NJM2734SCC NJRC-NJM2734SCC Datasheet
513Kb / 13P
   Rail-to-Rail Input/Output Quad Operational Amplifier
Ver.2010-03-24
More results

Similar Description - NJM2734

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2732 NJRC-NJM2732 Datasheet
340Kb / 9P
   Full-Swing Input and Output type Dual Operational Amplifier
NJU7044 NJRC-NJU7044 Datasheet
113Kb / 5P
   Input/Output Full-Swing High Output Current Quad C-MOS Operational Amplifier
NJM2747 NJRC-NJM2747 Datasheet
116Kb / 3P
   Single Supply Quad Operational Amplifier with Full Swing Output
logo
Rohm
BU7242NUX-TR ROHM-BU7242NUX-TR Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
BD5291G-TL ROHM-BD5291G-TL Datasheet
1Mb / 29P
   Input/Output Full Swing Low Input Offset Voltage Operational Amplifier
BD12730G ROHM-BD12730G_16 Datasheet
1Mb / 54P
   Low Supply Current Input/Output Full Swing Operational Amplifier
BD12730G ROHM-BD12730G Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
logo
New Japan Radio
NJM2730 NJRC-NJM2730 Datasheet
245Kb / 9P
   Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com