Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SD1385 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. 2SD1385
Description  Silicon NPN triple diffusion planer type(For low-frequency output amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1385 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD1385 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1385 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SD1385
Silicon NPN triple diffusion planer type
For low-frequency output amplification
s Features
q
High collector to base voltage VCBO.
q
High collector to emitter voltage VCEO.
q
Large collector power dissipation PC.
q
Low collector to emitter saturation voltage VCE(sat).
q
M type package allowing easy automatic and manual insertion as
well as stand-alone fixing to the printed circuit board.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Collector
EIAJ:SC–71
3:Emitter
M Type Mold Package
6.9
±0.1
0.55
±0.1
0.45
±0.05
2.5
±0.1
1.0
1.5
1.5 R0.9
R0.9
0.85
2.5
2.5
1
2
3
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
*
Tj
Tstg
Ratings
400
400
5
200
100
1
150
–55 ~ +150
Unit
V
V
V
mA
mA
W
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
VCBO
VCEO
VEBO
hFE
VCE(sat)
VBE(sat)
fT
Cob
Conditions
IC = 100µA, IE = 0
IC = 500µA, IB = 0
IE = 100µA, IC = 0
VCE = 5V, IC = 30mA
IC = 50mA, IB = 5mA
IC = 50mA, IB = 5mA
VCB = 30V, IE = –20mA, f = 200MHz
VCB = 30V, IE = 0, f = 1MHz
min
400
400
5
30
typ
40
max
1.5
1.5
7
Unit
V
V
V
V
V
MHz
pF
* Printed circuit board: Copper foil area of 1cm2 or more, and the board
thickness of 1.7mm for the collector portion


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn