Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP020505DP Datasheet(PDF) 4 Page - Texas Instruments

Part # DCP020505DP
Description  Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DCP020505DP Datasheet(HTML) 4 Page - Texas Instruments

  DCP020505DP Datasheet HTML 1Page - Texas Instruments DCP020505DP Datasheet HTML 2Page - Texas Instruments DCP020505DP Datasheet HTML 3Page - Texas Instruments DCP020505DP Datasheet HTML 4Page - Texas Instruments DCP020505DP Datasheet HTML 5Page - Texas Instruments DCP020505DP Datasheet HTML 6Page - Texas Instruments DCP020505DP Datasheet HTML 7Page - Texas Instruments DCP020505DP Datasheet HTML 8Page - Texas Instruments DCP020505DP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
DEVICE INFORMATION
DCP02
1
2
5
6
7
14
8
V
S
0V
0V
+V
OUT
NC
SYNC
NC
DCP02
1
2
5
6
7
14
8
V
S
0V
0V
+V
OUT
-
V
OUT
SYNC
NC
DCP02
1
2
3
12
13
14
28
27
26
17
16
15
V
S
0V
0V
0V
+V
OUT
NC
SYNC
NC
NC
NC
NC
NC
DCP02
1
2
3
12
13
14
28
27
26
17
16
15
V
S
0V
0V
0V
+V
OUT
-
V
OUT
SYNC
NC
NC
NC
NC
NC
DCP02 Series
SBVS011K – MARCH 2000 – REVISED FEBRUARY 2008
NVA PACKAGE
NVA PACKAGE
DIP-14 (Single-DIP)
DIP-14 (Dual-DIP)
(Top View)
(Top View)
Table 1. Pin Description (Single-DIP)
Table 3. TERMINAL FUNCTIONS (Dual-DIP)
TERMINAL
TERMINAL
NAME
NO.
DESCRIPTION
NAME
NO.
DESCRIPTION
VS
1
Voltage input
VS
1
Voltage input
0V
2
Input side common
0V
2
Input side common
0V
5
Output side common
0V
5
Output side common
+VOUT
6
+Voltage out
+VOUT
6
+Voltage out
NC
7, 8
Not connected
–VOUT
7
–Voltage out
SYNC
14
Synchronization pin
NC
8
Not connected
SYNC
14
Synchronization pin
DVB PACKAGE
SO-28 (Single-SO)
DVB PACKAGE
(Top View)
SO-28 (Dual-SO)
(Top View)
Table 2. TERMINAL FUNCTIONS (Single-SO)
TERMINAL
Table 4. TERMINAL FUNCTIONS (Dual-SO)
NAME
NO.
DESCRIPTION
TERMINAL
VS
1
Voltage input
NAME
NO.
DESCRIPTION
0V
2
Input side common
VS
1
Voltage input
0V
3
Input side common
0V
2
Input side common
0V
12
Output side common
0V
3
Input side common
+VOUT
13
+Voltage out
0V
12
Output side common
14, 15, 16,
+VOUT
13
+Voltage out
NC
Not connected
17, 26, 27
–VOUT
14
–Voltage out
SYNC
28
Synchronization pin
15, 16, 17,
NC
Not connected
26, 27
SYNC
28
Synchronization pin
4
Submit Documentation Feedback
Copyright © 2000–2008, Texas Instruments Incorporated
Product Folder Link(s): DCP02 Series


Similar Part No. - DCP020505DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP020505 TI1-DCP020505 Datasheet
1Mb / 28P
[Old version datasheet]   DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
DCP020505P TI-DCP020505P Datasheet
733Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP020505P TI1-DCP020505P Datasheet
598Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP020505P TI1-DCP020505P Datasheet
604Kb / 18P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP020505P TI1-DCP020505P Datasheet
1Mb / 28P
[Old version datasheet]   DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
More results

Similar Description - DCP020505DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP02 TI-DCP02_08 Datasheet
767Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02_0711 TI-DCP02_0711 Datasheet
733Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP02 TI1-DCP02_14 Datasheet
604Kb / 18P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP020503 TI1-DCP020503 Datasheet
598Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR021205 TI1-DCR021205 Datasheet
349Kb / 14P
[Old version datasheet]   Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com