Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28372OCT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY28372OCT
Description  SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28372OCT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY28372OCT Datasheet HTML 2Page - Cypress Semiconductor CY28372OCT Datasheet HTML 3Page - Cypress Semiconductor CY28372OCT Datasheet HTML 4Page - Cypress Semiconductor CY28372OCT Datasheet HTML 5Page - Cypress Semiconductor CY28372OCT Datasheet HTML 6Page - Cypress Semiconductor CY28372OCT Datasheet HTML 7Page - Cypress Semiconductor CY28372OCT Datasheet HTML 8Page - Cypress Semiconductor CY28372OCT Datasheet HTML 9Page - Cypress Semiconductor CY28372OCT Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CY28372
Document #: 38-07533 Rev. *A
Page 6 of 18
Bit 3
HW
Latched FS3 input
Latched FS[3:0] inputs. These bits are read-only.
Bit 2
HW
Latched FS2 input
Bit 1
HW
Latched FS1 input
Bit 0
HW
Latched FS0 input
Byte 6
Bit
@Pup
Name
Description
Bit 7
0
Reserved
Reserved
Bit 6
0
Reserved
Reserved
Bit 5
0
PCIF0
PCIF0 functionality when PCI_STP# is LOW
0: Free running, 1: Stop
Bit 4
0
PCIF1
PCIF1 functionality when PCI_STP# is LOW
0: Free running, 1: Stop
Bit 3
1
CPUT0/CPUC0
CPU[T/C]0 functionality when CPU_STP# is LOW
0: Free running, 1: Stop (three-state)
Bit 2
0
CPUT1
CPUT1 functionality when CPU_STP# is LOW
0: Free running, 1: Stop (three-state)
Bit 1
1
CPUT0/CPUC0
CPU[T/C]0 Output Enable/Disable
Bit 0
1
CPUT1
CPUT1 Output Enable/Disable
Byte 7
Bit
@Pup
Name
Description
Bit 7
1
PCIF1
PCIF1 Output Enable/Disable
Bit 6
1
PCIF0
PCIF0 Output Enable/Disable
Bit 5
1
PCI_5
PCI_5 Output Enable/Disable
Bit 4
1
PCI_4
PCI_4 Output Enable/Disable
Bit 3
1
PCI_3
PCI_3 Output Enable/Disable
Bit 2
1
PCI_2
PCI_2 Output Enable/Disable
Bit 1
1
PCI_1
PCI_1 Output Enable/Disable
Bit 0
1
PCI_0
PCI_0 Output Enable/Disable
Byte 8
Bit
@Pup
Name
Pin Description
Bit 7
1
Vendor_ID3
Bit[3] of Cypress Semiconductor’s Vendor ID. This bit is read only.
Bit 6
0
Vendor_ID2
Bit[2] of Cypress Semiconductor’s Vendor ID. This bit is read only.
Bit 5
0
Vendor _ID1
Bit[1] of Cypress Semiconductor’s Vendor ID. This bit is read only.
Bit 4
0
Vendor _ID0
Bit[0] of Cypress Semiconductor’s Vendor ID. This bit is read only.
Bit 3
0
Revision_ID3
Revision ID bit[3]
Bit 2
0
Revision_ID2
Revision ID bit[2]
Bit 1
0
Revision_ID1
Revision ID bit[1]
Bit 0
0
Revision_ID0
Revision ID bit[0]
Byte 9
Bit
@Pup
Name
Description
Bit 7
1
PD#
Power-down Enable
Bit 6
0
Reserved
Reserved
Bit 5
1
48MHz
48-MHz Output Control
Byte 5 (continued)
Bit
@Pup
Name
Description


Similar Part No. - CY28372OCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28372OCT SPECTRALINEAR-CY28372OCT Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
More results

Similar Description - CY28372OCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28372 SPECTRALINEAR-CY28372 Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240_06 Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240 Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
logo
California Micro Device...
CMBUS100 CALMIRCO-CMBUS100 Datasheet
173Kb / 6P
   AMD ATHLON VID/FID INTERFACE
logo
List of Unclassifed Man...
VT8363A ETC2-VT8363A Datasheet
681Kb / 54P
   KT133A AMD ATHLON??NORTH BRIDGE
logo
International Rectifier
IR3082 IRF-IR3082 Datasheet
444Kb / 33P
   XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon 64/ Athlon 64 x2 (AM2 Socket) Processor
logo
Integrated Circuit Syst...
MK149106 ICST-MK149106 Datasheet
215Kb / 10P
   AMD Geode??Clock Source
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon??64/ Athlon??64 x2 (AM2 Socket) Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com