Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28372 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY28372
Description  SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28372 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY28372 Datasheet HTML 1Page - Cypress Semiconductor CY28372 Datasheet HTML 2Page - Cypress Semiconductor CY28372 Datasheet HTML 3Page - Cypress Semiconductor CY28372 Datasheet HTML 4Page - Cypress Semiconductor CY28372 Datasheet HTML 5Page - Cypress Semiconductor CY28372 Datasheet HTML 6Page - Cypress Semiconductor CY28372 Datasheet HTML 7Page - Cypress Semiconductor CY28372 Datasheet HTML 8Page - Cypress Semiconductor CY28372 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CY28372
Document #: 38-07533 Rev. *A
Page 5 of 18
Device Configuration Map
Data Bytes 0 to 3: Reserved for ZDB Registers
28
Acknowledge from slave
21:27
Slave address – 7 bits
29
Stop
28
Read = 1
29
Acknowledge from slave
30:37
Data byte from slave – 8 bits
38
Not Acknowledge
39
Stop
Table 4. Byte Read and Byte Write Protocol (continued)
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
Byte 4
Bit
@Pup
Name
Description
Bit 7
1
Frequency Select Register
(FS3)
[7..4]
CPU
ZCLK
AGPPCI
Bit2 = 0
0000
133.3
66.7
66.733.3
0001
133.3
66.7
50.033.3
0010
133.3
100.0
66.733.3
0011
133.3
100.0
50.033.3
0100
133.3
133.3
66.733.3
0101
133.3
133.3
50.033.3
0110
133.3
166.6
66.733.3
0111
133.3
166.6
55.533.3
1000
100.0
66.7
66.733.3
1001
100.0
66.7
50.033.3
1010
100.0
100.0
66.733.3
1011
100.0
100.0
50.033.3
1100
100.0
133.3
66.733.3
1101
100.0
133.3
50.033.3
1110
111.0
166.5
66.633.3
1111
111.0
166.5
55.533.3
Bit2 = 1
0000
114.5
95.4
63.631.8
0001
120.0
100.0
66.733.3
0010
133.3
83.3
66.733.3
0011
133.3
111.1
74.133.3
0100
133.3
133.3
83.333.3
0101
145.7
116.6
64.832.4
0110
150.0
100.0
66.733.3
0111
166.6
111.1
66.733.3
1000
111.1
133.3
66.733.3
1001
137.4
137.4
68.734.4
1010
144.9
144.9
64.432.2
1011
150.0
150.0
66.733.3
1100
155.1
124.1
68.934.5
1101
166.6
133.3
66.733.3
1110
180.1
135.1
67.633.8
1111
200.0
133.3
66.733.3
Bit 6
0
Frequency Select Register
(FS2)
Bit 5
0
Frequency Select Register
(FS1)
Bit 4
0
Frequency Select Register
(FS0)
Bit 3
0
FS_Override
Frequency Selection Source:
0 = Select through hardware strapping, latched inputs
1 = Select through I2C
Bit 2
0
Frequency Select Register Most significant bit of I2C Frequency Select Register
Bit 1
1
Spread Spectrum Control
0 = Normal, 1 = Spread Spectrum enable
Bit 0
0
Output Disable
0 = Normal, 1 = three-state all outputs
Byte 5
Bit
@Pup
Name
Description
Bit 7
0
Reserved
Reserved
Bit 6
0
Reserved
Reserved
Bit 5
0
Reserved
Reserved
Bit 4
0
Reserved
Reserved


Similar Part No. - CY28372

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28372 SPECTRALINEAR-CY28372 Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
CY28372OC SPECTRALINEAR-CY28372OC Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
CY28372OCT SPECTRALINEAR-CY28372OCT Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
CY28372OXC SPECTRALINEAR-CY28372OXC Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
CY28372OXCT SPECTRALINEAR-CY28372OXCT Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
More results

Similar Description - CY28372

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28372 SPECTRALINEAR-CY28372 Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240_06 Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240 Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
logo
California Micro Device...
CMBUS100 CALMIRCO-CMBUS100 Datasheet
173Kb / 6P
   AMD ATHLON VID/FID INTERFACE
logo
List of Unclassifed Man...
VT8363A ETC2-VT8363A Datasheet
681Kb / 54P
   KT133A AMD ATHLON??NORTH BRIDGE
logo
International Rectifier
IR3082 IRF-IR3082 Datasheet
444Kb / 33P
   XPHASE AMD OPTERON/ATHLON 64 CONTROL IC
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon 64/ Athlon 64 x2 (AM2 Socket) Processor
logo
Integrated Circuit Syst...
MK149106 ICST-MK149106 Datasheet
215Kb / 10P
   AMD Geode??Clock Source
logo
AAEON Technology
EMB-6908T AAEON-EMB-6908T Datasheet
382Kb / 2P
   Embedded Motherboard with AMD Athlon??64/ Athlon??64 x2 (AM2 Socket) Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com