Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMS626812B Datasheet(PDF) 17 Page - Texas Instruments

Part # TMS626812B
Description  1,048,576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS626812B Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMS626812B Datasheet HTML 13Page - Texas Instruments TMS626812B Datasheet HTML 14Page - Texas Instruments TMS626812B Datasheet HTML 15Page - Texas Instruments TMS626812B Datasheet HTML 16Page - Texas Instruments TMS626812B Datasheet HTML 17Page - Texas Instruments TMS626812B Datasheet HTML 18Page - Texas Instruments TMS626812B Datasheet HTML 19Page - Texas Instruments TMS626812B Datasheet HTML 20Page - Texas Instruments TMS626812B Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
TMS626812B
1 048 576 BY 8-BIT BY 2-BANK
SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
SMOS693A – OCTOBER 1997 – REVISED APRIL 1998
17
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
capacitance
over recommended ranges of supply voltage and ambient temperature,
f = 1 MHz (see Note 14)
PARAMETER
MIN
MAX
UNIT
Ci(S)
Input capacitance, CLK
2.5
4
pF
Ci(AC)
Input capacitance, A0 – A11, CS, DQM, RAS, CAS, W
2.5
5
pF
Ci(E)
Input capacitance, CKE
5
pF
Co
Output capacitance
4
6.5
pF
NOTE 14: VCC = 3.3 ± 0.3 V and bias on pins under test is 0 V.
ac timing requirements†‡
’626812B-8
’626812B-8A
’626812B-10
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tCK2
Cycle time, CLK, CAS latency = 2
10
15
15
ns
tCK3
Cycle time, CLK, CAS latency = 3
8
8
10
ns
tCH
Pulse duration, CLK high
3
3
3
ns
tCL
Pulse duration, CLK low
3
3
3
ns
tAC2
Access time, CLK high to data out, CAS latency = 2
(see Note 15)
6
7
7.5
ns
tAC3
Access time, CLK high to data out, CAS latency = 3
(see Note 15)
6
6
7.5
ns
tOH
Hold time, CLK high to data out (with 50-pF load)
3
3
3
ns
tLZ
Delay time, CLK high to DQ in low-impedance state
(see Note 16)
1
1
2
ns
tHZ
Delay time, CLK high to DQ in high-impedance state
(see Note 17)
8
8
8
ns
tIS
Setup time, address, control, and data input
2
2
2
ns
tIH
Hold time, address, control, and data input
1
1
1
ns
tCESP Power-down/self-refresh exit time (see Note 18)
8
8
10
ns
tRAS
Delay time, ACTV command to DEAC or DCAB command
48
100 000
48
100 000
50
100 000
ns
tRC
Delay time, ACTV, REFR, or SLFR exit to ACTV, MRS, REFR,
or SLFR command
68
68
80
ns
tRCD
Delay time, ACTV command to READ, READ-P, WRT, or
WRT-P command
(see Note 19)
20
20
30
ns
tRP
Delay time, DEAC or DCAB command to ACTV, MRS, REFR,
or SLFR command
20
20
30
ns
tRRD
Delay time, ACTV command in one bank to ACTV command
in the other bank
16
16
20
ns
† See Parameter Measurement Information for load circuits.
‡ All references are made to the rising transition of CLK, unless otherwise noted.
NOTES: 15. tAC is referenced from the rising transition of CLK that precedes the data-out cycle. For example, the first data-out tAC is referenced
from the rising transition of CLK0 that is CAS latency minus one cycle after the READ command. Access time is measured at output
reference level 1.4 V.
16. tLZ is measured from the rising transition of CLK that is CAS latency minus one cycle after the READ command.
17. tHZ MAX defines the time at which the outputs are no longer driven and is not referenced to output voltage levels.
18. See Figure 18 and Figure 19.
19. For read or write operations with automatic deactivate, tRCD must be set to satisfy minimum tRAS.


Similar Part No. - TMS626812B

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TMS626812 TI-TMS626812 Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626812-12ADGE TI-TMS626812-12ADGE Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626812-12DGE TI-TMS626812-12DGE Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626812A TI-TMS626812A Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626812A TI1-TMS626812A Datasheet
597Kb / 40P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
More results

Similar Description - TMS626812B

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS626812 TI-TMS626812 Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162A TI-TMS626162A Datasheet
707Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162 TI-TMS626162 Datasheet
659Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
SMJ626162 TI-SMJ626162 Datasheet
629Kb / 42P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS416400A TI-TMS416400A Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS664414 TI-TMS664414 Datasheet
958Kb / 56P
[Old version datasheet]   4 194 304 BY 4-BIT/2 097 152 BY 8-BIT/1 048 576 BY 16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com