Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMS626812B Datasheet(PDF) 15 Page - Texas Instruments

Part No. TMS626812B
Description  1,048,576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS626812B Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS626812B Datasheet HTML 11Page - Texas Instruments TMS626812B Datasheet HTML 12Page - Texas Instruments TMS626812B Datasheet HTML 13Page - Texas Instruments TMS626812B Datasheet HTML 14Page - Texas Instruments TMS626812B Datasheet HTML 15Page - Texas Instruments TMS626812B Datasheet HTML 16Page - Texas Instruments TMS626812B Datasheet HTML 17Page - Texas Instruments TMS626812B Datasheet HTML 18Page - Texas Instruments TMS626812B Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
TMS626812B
1 048 576 BY 8-BIT BY 2-BANK
SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
SMOS693A – OCTOBER 1997 – REVISED APRIL 1998
15
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
absolute maximum ratings over ambient temperature range (unless otherwise noted)
Supply voltage range, VCC
– 0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range for output drivers, VCCQ
– 0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range on any pin (see Note 1)
– 0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Short-circuit output current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation
1 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Ambient temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
– 55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions (see Notes 2 and 3)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VCCQ
Supply voltage for output drivers
3
3.3
3.6
V
VSS
Supply voltage
0
V
VSSQ
Supply voltage for output drivers
0
V
VIH
High-level input voltage
2
VCC + 0.3
V
VIL
Low-level input voltage
– 0.3
0.8
V
TA
Ambient temperature
0
70
°C
NOTES:
2. VIL MIN = – 1.5 V ac (pulse width v 5 ns)
3. VCCQ v VCC + 0.3 V
maximum ac operating conditions (see Notes 4 and 5)
MIN
MAX
UNIT
VIH
High-level input voltage
2
VCCQ + 2.0
V
VIL
Low-level input voltage
VSSQ – 2.0
0.8
V
NOTES:
4. The overshoot and undershoot voltage duration
v 3 ns with no input clamp diode.
5. The VCCQ and VSSQ are the operating parameters (not absolute maximum parameters).


Similar Part No. - TMS626812B

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TMS626812 TI-TMS626812 Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626812-12ADGE TI-TMS626812-12ADGE Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626812-12DGE TI-TMS626812-12DGE Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626812A TI-TMS626812A Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626812A TI1-TMS626812A Datasheet
597Kb / 40P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
More results

Similar Description - TMS626812B

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS626812 TI-TMS626812 Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162A TI-TMS626162A Datasheet
707Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162 TI-TMS626162 Datasheet
659Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
SMJ626162 TI-SMJ626162 Datasheet
629Kb / 42P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS416400A TI-TMS416400A Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS664414 TI-TMS664414 Datasheet
958Kb / 56P
[Old version datasheet]   4 194 304 BY 4-BIT/2 097 152 BY 8-BIT/1 048 576 BY 16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz