Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TMS626812B Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS626812B
Description  1,048,576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS626812B Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS626812B Datasheet HTML 5Page - Texas Instruments TMS626812B Datasheet HTML 6Page - Texas Instruments TMS626812B Datasheet HTML 7Page - Texas Instruments TMS626812B Datasheet HTML 8Page - Texas Instruments TMS626812B Datasheet HTML 9Page - Texas Instruments TMS626812B Datasheet HTML 10Page - Texas Instruments TMS626812B Datasheet HTML 11Page - Texas Instruments TMS626812B Datasheet HTML 12Page - Texas Instruments TMS626812B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
TMS626812B
1 048 576 BY 8-BIT BY 2-BANK
SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
SMOS693A – OCTOBER 1997 – REVISED APRIL 1998
9
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
CLK suspend / power-down mode (continued)
as a CLK-suspend operation and its execution indicates a HOLD command. The device resumes operation from
the point where it was placed in suspension, beginning with the second rising edge of CLK after CKE returns
high.
If CKE is brought low when no read or write command is in progress, the device enters power-down mode. If
both banks are deactivated when power-down mode is entered, power consumption is reduced to a minimum.
Power-down mode can be used during row-active or auto-refresh periods to reduce input buffer power. After
power-down mode is entered, no further inputs are accepted until CKE returns high. To ensure that data in the
device remains valid during the power-down mode, the self-refresh command ( SLFR ) must be executed
concurrently with the power-down entry ( PDE ) command. When exiting power-down mode, new commands
can be entered on the first CLK edge after CKE returns high, provided that the setup time (tCESP) is satisfied.
Table 2 shows the command configuration for a CLK suspend / power-down operation. Figure 17, Figure 18,
and Figure 31 show examples of the procedure.
setting the mode register
The ’626812B contains a mode register that must be programmed with the CAS latency, the burst type, and the
burst length. This is accomplished by executing a mode-register set (MRS) command with the information
entered on address lines A0 – A9. A logic 0 must be entered on A7 and A8, but A10 and A11 are don’t-care entries
for the ’626812B. When A9 = 1, the write-burst length is always 1. When A9 = 0, the write-burst length is defined
by A0 – A2. Figure 1 shows the valid combinations for a successful MRS command. Only valid addresses allow
the mode register to be changed. If the addresses are not valid, the previous contents of the mode register
remain unaffected. The MRS command is executed by holding RAS, CAS, and W low, and the input-mode word
valid on A0 – A9 on the rising edge of CLK (see Table 1). The MRS command can be executed only when both
banks are deactivated.
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Reserved
0
= Serial
1
= Interleave
(burst type)
0
0
REGISTER BIT
WRITE-BURST
REGISTER BITS†
CAS
REGISTER BITS§
BURST
REGISTER BIT
A9
WRITE BURST
LENGTH
A6
A5
A4
CAS
LATENCY‡
A2
A1
A0
BURST
LENGTH
0
1
A2 – A0
1
0
0
1
1
0
1
2
3
0
0
0
0
0
0
1
1
0
1
0
1
1
2
4
8
† All other combinations are reserved.
‡ Refer to timing requirements for minimum valid-read latencies based on maximum frequency rating.
§ All other combinations are reserved.
Figure 1. Mode-Register Programming


Similar Part No. - TMS626812B

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TMS626812 TI-TMS626812 Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626812-12ADGE TI-TMS626812-12ADGE Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626812-12DGE TI-TMS626812-12DGE Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626812A TI-TMS626812A Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626812A TI1-TMS626812A Datasheet
597Kb / 40P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
More results

Similar Description - TMS626812B

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TMS664814DGE-8A TI1-TMS664814DGE-8A Datasheet
905Kb / 56P
[Old version datasheet]   16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
TMS626812 TI-TMS626812 Datasheet
565Kb / 40P
[Old version datasheet]   1048576 BY 8-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162A TI-TMS626162A Datasheet
707Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
TMS626162 TI-TMS626162 Datasheet
659Kb / 44P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
SMJ626162 TI-SMJ626162 Datasheet
629Kb / 42P
[Old version datasheet]   524288 BY 16-BIT BY 2-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORY
SMJ416160 TI-SMJ416160 Datasheet
364Kb / 24P
[Old version datasheet]   1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS416400A TI-TMS416400A Datasheet
397Kb / 27P
[Old version datasheet]   4194304 BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400_1998 TI1-TMS44400_1998 Datasheet
456Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS44400 TI-TMS44400 Datasheet
657Kb / 25P
[Old version datasheet]   1048576-WORD BY 4-BIT DYNAMIC RANDOM-ACCESS MEMORIES
TMS664414 TI-TMS664414 Datasheet
958Kb / 56P
[Old version datasheet]   4 194 304 BY 4-BIT/2 097 152 BY 8-BIT/1 048 576 BY 16-BIT BY 4-BANK SYNCHRONOUS DYNAMIC RANDOM-ACCESS MEMORIES
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com