Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYP-02T-1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SYP-02T-1
Description  Disconnectable Crimp style Wire-to-wire connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SYP-02T-1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SYP-02T-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SYP-02T-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
630
Contact––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
Material and Finish
Model No.
mm2
AWG #
Insulation O.D.
mm(in.)
Applicable wire
Q´ty / reel
Pin contact
Socket contact
SYM-001T-0.6
SYF-001T-P0.6
0.08 to 0.33
28 to 22
1.2 to 1.8(.047 to .071)
Pin contact: Brass, tin-plated
Socket contact: Phosphor bronze, tin-plated
Pin contact:
8,500
Socket contact: 7,500
Pin contact
Socket contact
15.8(.622)
(.067)
1.7
(.079)
2.0
11.0(.433)
(.067)
1.7
(.079)
2.0
Housing –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
Circuits
Model No.
Receptacle housing
Plug housing
2
SYR-02T
SYR-02TV
SYP-02T-1
SYP-02TV-1
Q´ty / bag
1,000
1,000
Nylon 66, UL94V-2, red
Nylon 66, UL94V-0, natural (white)
Material and Finish
19.0(.748)
9.5(.374)
13.0(.512)
(.126)
3.2
4.3(.169)
Receptacle housing
(for pin contact)
Plug housing
(for socket contact)
Assembly layout ––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
23.3(.917)
RCY CONNECTOR
Contact
Crimp applicator MKS-L
Compact crimp applicator MKS-LS
Strip-crimp applicator MKS-SC
with safety cover
without safety cover
with safety cover
without safety cover
with safety cover
Applicator for the semi-automatic press AP-K2N –––––––––––––––––––––––––––––––
SYM-001T-P0.6
APLMK SYM001-06
APLNC SYM001-06
APLMKLS SYM001-06
APLLSNC SYM001-06
APLSC SYM001-06
SYF-001T-P0.6
APLMK SYF001-06
APLNC SYF001-06
APLSC SYF001-06


Similar Part No. - SYP-02T-1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SYPD-1 MINI-SYPD-1 Datasheet
68Kb / 1P
   Phase Detectors 1000mV DC output , 7dBmRF
SYPD-1 MINI-SYPD-1 Datasheet
197Kb / 1P
   Surface Mount Phase Detector
SYPD-1++ MINI-SYPD-1+ Datasheet
197Kb / 1P
   Surface Mount Phase Detector
SYPD-1++ MINI-SYPD-1+ Datasheet
204Kb / 1P
   PHASE DETECTORS
SYPD-2 MINI-SYPD-2 Datasheet
68Kb / 1P
   Phase Detectors 1000mV DC output , 7dBmRF
More results

Similar Description - SYP-02T-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
JFA JST-JFA Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
List of Unclassifed Man...
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
SLM JST-SLM Datasheet
1Mb / 6P
   6.2mm pitch disconnectable crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
VLR-03V ETC2-VLR-03V Datasheet
228Kb / 4P
   6.2mm pitch/Disconnectable Crimp style Wire-to-wire connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com