Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD60NF55L-1 Datasheet(PDF) 6 Page - VBsemi Electronics Co.,Ltd

Part # STD60NF55L-1
Description  N-Channel 60 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

STD60NF55L-1 Datasheet(HTML) 6 Page - VBsemi Electronics Co.,Ltd

  STD60NF55L-1 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd STD60NF55L-1 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd STD60NF55L-1 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd STD60NF55L-1 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd STD60NF55L-1 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd STD60NF55L-1 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd STD60NF55L-1 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Note: Dimension L3 is for reference only.
L2
b1
b
b2
e
L3
L1
L
D
c
A1
c1
A
E
TO251AA (DPAK)
MILLIMETERS
INCHES
Dim
Min
Max
Min
Max
A
2.21
2.38
0.087
0.094
A1
0.89
1.14
0.035
0.045
b
0.71
0.89
0.028
0.035
b1
0.76
1.14
0.030
0.045
b2
5.23
5.43
0.206
0.214
c
0.46
0.58
0.018
0.023
c1
0.46
0.58
0.018
0.023
D
5.97
6.22
0.235
0.245
E
6.48
6.73
0.255
0.265
e
2.28 BSC
0.090 BSC
L
8.89
9.53
0.350
0.375
L1
1.91
2.28
0.075
0.090
L2
0.89
1.27
0.035
0.050
L3
1.15
1.52
0.045
0.060
ECN: S-03946—Rev. E, 09-Jul-01
DWG: 5346
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
STD60NF55L-1
6


Similar Part No. - STD60NF55L-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD60NF55L-1 STMICROELECTRONICS-STD60NF55L-1 Datasheet
430Kb / 14P
   N-channel 55V - 0.012廓 - 60A - DPAK/IPAK STripFET??II Power MOSFET
More results

Similar Description - STD60NF55L-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com