Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8275ZQ Datasheet(PDF) 34 Page - Motorola, Inc

Part # MPC8275ZQ
Description  PowerQUICC II Family Hardware Specifications
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8275ZQ Datasheet(HTML) 34 Page - Motorola, Inc

Back Button MPC8275ZQ Datasheet HTML 30Page - Motorola, Inc MPC8275ZQ Datasheet HTML 31Page - Motorola, Inc MPC8275ZQ Datasheet HTML 32Page - Motorola, Inc MPC8275ZQ Datasheet HTML 33Page - Motorola, Inc MPC8275ZQ Datasheet HTML 34Page - Motorola, Inc MPC8275ZQ Datasheet HTML 35Page - Motorola, Inc MPC8275ZQ Datasheet HTML 36Page - Motorola, Inc MPC8275ZQ Datasheet HTML 37Page - Motorola, Inc MPC8275ZQ Datasheet HTML 38Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
34
MPC8280 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
Clock Configuration Modes
7.3
PCI Agent Mode
Table 18 and Table 19 show configurations for PCI agent mode. The frequencies listed are for the purpose
of illustration only. Users must select a mode and input bus frequency so that the resulting configuration
does not exceed the frequency rating of the user’s device. In addition, note the following:
NOTE: PCI_MODCK
In PCI mode only, PCI_MODCK comes from the LGPL5 pin and
MODCK_H[0–3] comes from {LGPL0, LGPL1, LGPL2, LGPL3}.
NOTE: Tval (Output Hold)
The minimum Tval = 2 when PCI_MODCK = 1, and the minimum
Tval = 1 when PCI_MODCK = 0. Therefore, designers should use clock
configurations that fit this condition to achieve PCI-compliant AC timing.
1 “Low” values are the minimum allowable frequencies for a given clock mode. The minimum bus frequency guarantees the
required minimum CPU operating frequency. Minimum CPU frequency is determined by the clock mode.
For modes with a CPU multiplication factor
≤ 3, the minimum CPU frequency is 166 MHz. The minimum CPM frequency
is 133 MHz.
For modes with a CPU multiplication factor
≥ 3.5, the minimum CPU frequency is 250 MHz. The minimum CPM frequency
is as shown in the table.
“High” values are for the purpose of illustration only. Users must select a mode and input bus frequency so that the resulting
configuration does not exceed the frequency rating of the user’s device.
2 As Table 14 shows, PCI_MODCK determines the PCI clock frequency range. Refer to Table 16 for higher configurations.
3 MODCK_H = hard reset configuration word [28–31]. MODCK[1-3] = three hardware configuration pins.
4 60x and local bus frequency. Identical to CLKIN.
5 CPM multiplication factor = CPM clock/bus clock
6 CPU multiplication factor = Core PLL multiplication factor
Table 18. Clock Configurations for PCI Agent Mode (PCI_MODCK=0)1,2
Mode3
PCI Clock
(MHz)
CPM
Multiplication
Factor4
CPM Clock
(MHz)
CPU
Multiplication
Factor5
CPU Clock
(MHz)
Bus
Division
Factor
Bus Clock
(MHz)
MODCK_H-
MODCK[1-3]
low
high
low
high
low
high
low
high
Default Modes (MODCK_H=0000
0000_000
66.7
66.7
2
133.3 133.3
2.5
166.7 166.7
2
66.7
66.7
0000_001
66.7
66.7
2
133.3 133.3
3
200.0 200.0
2
66.7
66.7
0000_010
55.5
66.7
3
166.7 200.0
3
166.7 200.0
3
55.5
66.7
0000_011
62.5
66.7
3
187.5 200.0
4
250.0 266.6
3
62.5
66.7
0000_100
50.0
66.7
3
150.0 200.0
3
180.0 240.0
2.5
60.0
80.0
0000_101
59.5
66.7
3
178.6 200.0
3.5
250.0 280.0
2.5
71.4
80.0
0000_110
53.6
66.7
4
214.3 266.6
3.5
250.0 311.1
3
71.4
88.9
0000_111
50.0
66.7
4
200.0 266.6
3
240.0 320.0
2.5
80.0
106.7
Full Configuration Modes
0001_001
Reserved


Similar Part No. - MPC8275ZQ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8275ZQ FREESCALE-MPC8275ZQ Datasheet
624Kb / 83P
   MPC8280 PowerQUICC II Family Hardware Specifications
logo
NXP Semiconductors
MPC8275ZQ NXP-MPC8275ZQ Datasheet
928Kb / 83P
   PowerQUICC II Family Hardware Specifications
Rev. 2, 09/2011
logo
Freescale Semiconductor...
MPC8275ZQB FREESCALE-MPC8275ZQB Datasheet
1Mb / 80P
   PowerQUICC II??Family Hardware Specifications
MPC8275ZQE FREESCALE-MPC8275ZQE Datasheet
1Mb / 80P
   PowerQUICC II??Family Hardware Specifications
MPC8275ZQI FREESCALE-MPC8275ZQI Datasheet
1Mb / 80P
   PowerQUICC II??Family Hardware Specifications
More results

Similar Description - MPC8275ZQ

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
MPC8272 FREESCALE-MPC8272_06 Datasheet
921Kb / 60P
   PowerQUICC II??Family Hardware Specifications
MPC8248VRPIEA FREESCALE-MPC8248VRPIEA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
MPC8272EC FREESCALE-MPC8272EC Datasheet
748Kb / 60P
   PowerQUICC II??Family Hardware Specifications
logo
NXP Semiconductors
MPC8280 NXP-MPC8280 Datasheet
928Kb / 83P
   PowerQUICC II Family Hardware Specifications
Rev. 2, 09/2011
logo
Freescale Semiconductor...
MPC8270CVVUPEA FREESCALE-MPC8270CVVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8280EC FREESCALE-MPC8280EC Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8280CZUUPEA FREESCALE-MPC8280CZUUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com