Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M62392P Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. M62392P
Description  8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62392P Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M62392P Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62392P Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62392P Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62392P Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62392P Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62392P Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62392P Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
(
/ 7 )
MITSUBISHI ELECTRIC
1997-5-27C.rev
MITSUBISHI <Dig./Ana. INTERFACE>
M62392P,FP
8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
ABSOLUTE MAXIMUM RATING
ELECTRICAL CHARACTERISTICS
<Digital part> (VCC,VDD,Vref U1,2=+5V±10%,VCC
≥Vref U1,2,GND=VrefL=0V,Ta=–20 to 85°C unless otherwise noted)
<Analog part> (VCC,VDD,Vref U1,2=+5V±10%,VCC
≥VrefU1,2,GND=VrefL=0V,Ta=–20 to 85°C unless otherwise noted)
VCC
Supply voltage
CLK=1MHz operation IAO=0µA
ICC
Supply current
4.5
5.0
5.5
V
mA
Symbol
Parameter
Test conditions
Ratings
MIN
TYP
MAX
Unit
IrefU
D-A converter high level
reference voltage input current
VrefU=5V,VrefL=0V
Data condition:at maximum current
mA
VrefU
D-A converter high level
reference voltage range
The output dose not necessarily
be the values within the
reference voltage setting range.
VrefL
D-A converter low level
reference voltage range
VAO
Buffer amplifier output
voltage range
IAO=±100µA
3.5
VCC
V
GND
VCC-3.5
V
0.1
V
0.2
V
IAO
Buffer amplifier output
drive range
Upper side saturation voltage=0.3V
Lower side saturation voltage=0.2V
–1.0
1.0
mA
SDL
SL
SZERO
SFULL
Co
Ro
Differential nonlinearity
Nonlinearity
Zero code error
Full scale error
Output capacitive load
Buffer amplifier
output impedance
VrefU=4.79V
VrefL=0.95V
VCC=5.5V(15mV/LSB)
without load
(IAO=0)
–1.0
1.0
–1.5
1.5
–2.0
2.0
–2.0
2.0
0.1
5.0
LSB
LSB
LSB
LSB
µF
IAO=±500µA
VCC-0.1
VCC-0.2
1.4
3.0
1.0
3.0
Symbol
Supply voltage
Input leak current
Parameter
Test conditions
VIN=0~VDD
Ratings
MIN
TYP
MAX
–10
10
Unit
V
VDD
IILK
Input low voltage
0.2VDD
V
VIL
Input high voltage
0.8VDD
V
VIH
IDD
Supply current
mA
CLK=1MHz operation
IAO=0µA
4.5
5.0
5.5
µA
1.0
3
Symbol
VCC
VDD
VrefU1,2
Vin
Vo
Pd
Topr
Tstg
Supply voltage
Supply voltage
D–A converter HIGH level
reference voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Parameter
Conditions
–0.3 to 7.0
–0.3 to 7.0
–0.3 to 7.0
–0.3 to VDD+0.3
–0.3 to VCC +0.3
–20 to 85
–55 to 125
Unit
V
V
V
V
V
mW
Ratings
°C
465(DIP) / 421(FP)
°C


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M62332P8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62333P8-BIT 3CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62334P8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62352P8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62358P8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62366GP3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 Mitsubishi Electric Semiconductor
M62398P8BIT 12CH I2C BUS D.A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62359P8-BIT 8CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62361FP8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M62364FP8-BIT 8-CH MULTIPLYING D-A CONVERTER WITH BUFFER AMPLIFIERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn