Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAJ0CC0FP Datasheet(PDF) 1 Page - Rohm

Part # BAJ0CC0FP
Description  1A Low Dropout Voltage Regulator (Adjustable Voltage)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BAJ0CC0FP Datasheet(HTML) 1 Page - Rohm

  BAJ0CC0FP Datasheet HTML 1Page - Rohm BAJ0CC0FP Datasheet HTML 2Page - Rohm BAJ0CC0FP Datasheet HTML 3Page - Rohm BAJ0CC0FP Datasheet HTML 4Page - Rohm BAJ0CC0FP Datasheet HTML 5Page - Rohm BAJ0CC0FP Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - BAJ0CC0FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BAJ0CC0FP-E2 ROHM-BAJ0CC0FP-E2 Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators With ShutdownSwicth
BAJ0CC0FP-E2 ROHM-BAJ0CC0FP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BAJ0CC0FP-E2 ROHM-BAJ0CC0FP-E2 Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

Similar Description - BAJ0CC0FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BAXXCC0T ROHM-BAXXCC0T Datasheet
366Kb / 6P
   1A Low Dropout Voltage Regulator (Adjustable Voltage)
logo
Sipex Corporation
SPX2941 SIPEX-SPX2941_06 Datasheet
890Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX2941 SIPEX-SPX2941 Datasheet
103Kb / 10P
   1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com