Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962R8864405-XXC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 5962R8864405-XXC
Description  MIL-STD-1553A/B Bus Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962R8864405-XXC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 5962R8864405-XXC Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962R8864405-XXC Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962R8864405-XXC Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962R8864405-XXC Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962R8864405-XXC Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962R8864405-XXC Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962R8864405-XXC Datasheet HTML 11Page - List of Unclassifed Manufacturers 5962R8864405-XXC Datasheet HTML 12Page - List of Unclassifed Manufacturers 5962R8864405-XXC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
ABSOLUTE MAXIMUM RATINGS
1
(Referenced to VSS)
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
VCC
Supply Voltage
7.0
V
VEE
Supply Voltage
-22
V
VCCA
Supply Voltage
+22
V
VIN
Input Voltage Range (Receiver)
42
VPP, L-L
VIN
Logic Input Voltage
-0.3 to +5.5
V
IO
Output Current (Transmitter)
190
mA
PD
Power Dissipation (per Channel)
4
W
QJC
Thermal Impedance, Junction-to-Case
6
2
°C/W
TJ
Operating Temperature, Junction
-55 to +150
°C
TC
Operating Temperature, Case
-55 to +125
°C
TSTG
Storage Temperature
-65 to +150
°C
Notes:
1. Stress outside the listed absolute maximum rating may cause permanent damage to the devices. This is a stress rating only, and functional operation of the
device at these or any other conditions beyond limits indicated in the operational sections of this specification is not recommended. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
2. Mounting per MIL-STD-883, Method 1012.
PARAMETER
LIMITS
UNIT
Logic input voltage range
0 to +5.0
V
Receiver differential voltage
9.0
VP-P
Driver peak output current
180
mA
Serial data rate
0.1 to 1
MHz
Case operating temperature range (TC)
-55 to +125
°C
A
TERMINAL
TXOUT
Figure 8. Transceiver Test Circuit MIL-STD-1553B
Notes:
Transformer-Coupled Stub:
Terminal is defined as transceiver plus isolation transformer. Point A defined in figure 7.
Direct-Coupled Stub:
Terminal is defined as transceiver plus isolation transformer and fault resistors. Point A defined in figure 6.
TXOUT
RL


Similar Part No. - 5962R8864405-XXC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5962R8853801V2A ETC2-5962R8853801V2A Datasheet
86Kb / 14P
   MICROCIRCUIT, LINEAR, DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS MONOLITHIC SILICON
5962R8853801VGA ETC2-5962R8853801VGA Datasheet
86Kb / 14P
   MICROCIRCUIT, LINEAR, DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS MONOLITHIC SILICON
5962R8853801VPA ETC2-5962R8853801VPA Datasheet
86Kb / 14P
   MICROCIRCUIT, LINEAR, DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS MONOLITHIC SILICON
5962R8853804V2A ETC2-5962R8853804V2A Datasheet
86Kb / 14P
   MICROCIRCUIT, LINEAR, DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIERS MONOLITHIC SILICON
logo
Analog Devices
5962R8856501VCA AD-5962R8856501VCA Datasheet
248Kb / 5P
   Very low noise, quad, operational amplifier
REV. B
More results

Similar Description - 5962R8864405-XXC

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT63M147 AEROFLEX-UT63M147 Datasheet
1Mb / 20P
   MIL-STD-1553A/B Bus Transceiver
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
   Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
logo
MMD Components
MVLP2 MMD-MVLP2 Datasheet
106Kb / 2P
   MIL-STD-883 Level B
logo
Aeroflex Circuit Techno...
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
   ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
   Core1553BBC MIL-STD-1553B Bus Controller
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
   Data Bus (MIL-STD-1553B) Components
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
   Data Bus (MIL-STD-1553B) Components
Revised 12-03
logo
List of Unclassifed Man...
BUS-8559 ETC1-BUS-8559 Datasheet
811Kb / 4P
   VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com