Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA80BC0WFP Datasheet(PDF) 2 Page - Rohm

Part # BA80BC0WFP
Description  1.0A Low-Dropout Voltage Regulator with Shut down Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA80BC0WFP Datasheet(HTML) 2 Page - Rohm

  BA80BC0WFP Datasheet HTML 1Page - Rohm BA80BC0WFP Datasheet HTML 2Page - Rohm BA80BC0WFP Datasheet HTML 3Page - Rohm BA80BC0WFP Datasheet HTML 4Page - Rohm BA80BC0WFP Datasheet HTML 5Page - Rohm BA80BC0WFP Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image


Similar Part No. - BA80BC0WFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA80BC0WFP ROHM-BA80BC0WFP Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BA80BC0WFP-E2 ROHM-BA80BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA80BC0WFP-E2 ROHM-BA80BC0WFP-E2 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results

Similar Description - BA80BC0WFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BAXXBC0WT-V5 ROHM-BAXXBC0WT-V5 Datasheet
372Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BAXXBC0T ROHM-BAXXBC0T Datasheet
359Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BAXXBC0FP ROHM-BAXXBC0FP Datasheet
358Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BAXXBC0WT ROHM-BAXXBC0WT Datasheet
370Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch
BA00BC0WFP ROHM-BA00BC0WFP Datasheet
343Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch (Adjustable)
BA00BC0WT-V5 ROHM-BA00BC0WT-V5 Datasheet
348Kb / 6P
   1.0A Low-Dropout Voltage Regulator with Shut down Switch (Adjustable)
BA00DD0WHFP ROHM-BA00DD0WHFP Datasheet
386Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BA00JC5WT-V5 ROHM-BA00JC5WT-V5 Datasheet
361Kb / 6P
   1.5A Low-Dropout Voltage Regulator with Shut down Switch
BA00JC5WT ROHM-BA00JC5WT Datasheet
356Kb / 6P
   1.5A Low-Dropout Voltage Regulator with Shut down Switch
BAXXDD0WT ROHM-BAXXDD0WT Datasheet
402Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com