Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A42MX09-2TQ100 Datasheet(PDF) 76 Page - Microsemi Corporation

Part # A42MX09-2TQ100
Description  40MX and 42MX FPGA
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A42MX09-2TQ100 Datasheet(HTML) 76 Page - Microsemi Corporation

Back Button A42MX09-2TQ100 Datasheet HTML 72Page - Microsemi Corporation A42MX09-2TQ100 Datasheet HTML 73Page - Microsemi Corporation A42MX09-2TQ100 Datasheet HTML 74Page - Microsemi Corporation A42MX09-2TQ100 Datasheet HTML 75Page - Microsemi Corporation A42MX09-2TQ100 Datasheet HTML 76Page - Microsemi Corporation A42MX09-2TQ100 Datasheet HTML 77Page - Microsemi Corporation A42MX09-2TQ100 Datasheet HTML 78Page - Microsemi Corporation A42MX09-2TQ100 Datasheet HTML 79Page - Microsemi Corporation A42MX09-2TQ100 Datasheet HTML 80Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 173 page
background image
40MX and 42MX FPGAs
DS2316 Datasheet Revision 16.0
68
tPWL
Minimum Pulse
Width LOW
FO = 32
FO = 384
5.3
6.2
5.9
6.9
6.7
7.9
7.8
9.2
11.0
12.9
ns
ns
tCKSW
Maximum Skew
FO = 32
FO = 384
0.5
2.2
0.5
2.4
0.6
2.7
0.7
3.2
1.0
4.5
ns
ns
tSUEXT
Input Latch External
Set-Up
FO = 32
FO = 384
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
ns
ns
tHEXT
Input Latch External
Hold
FO = 32
FO = 384
3.9
4.5
4.3
4.9
4.9
5.6
5.7
6.6
8.0
9.2
ns
ns
tP
Minimum Period
FO = 32
FO = 384
7.0
7.7
7.8
8.6
8.4
9.3
9.7
10.7
16.2
17.8
ns
ns
fMAX
Maximum
Frequency
FO = 32
FO = 384
142
129
129
117
119
108
103
94
62
56
MHz
MHz
TTL Output Module Timing5
tDLH
Data-to-Pad HIGH
3.5
3.9
4.4
5.2
7.3
ns
tDHL
Data-to-Pad LOW
4.1
4.6
5.2
6.1
8.6
ns
tENZH
Enable Pad Z to HIGH
3.8
4.2
4.8
5.6
7.8
ns
tENZL
Enable Pad Z to LOW
4.2
4.6
5.3
6.2
8.7
ns
tENHZ
Enable Pad HIGH to Z
7.6
8.4
9.5
11.2
15.7
ns
tENLZ
Enable Pad LOW to Z
7.0
7.8
8.8
10.4
14.5
ns
tGLH
G-to-Pad HIGH
4.8
5.3
6.0
7.2
10.0
ns
tGHL
G-to-Pad LOW
4.8
5.3
6.0
7.2
10.0
ns
tLCO
I/O Latch Clock-to-Out
(Pad-to-Pad), 64 Clock Loading
8.0
8.9
10.1
11.9
16.7
ns
tACO
Array Clock-to-Out
(Pad-to-Pad), 64 Clock Loading
11.3
12.5
14.2
16.7
23.3
ns
dTLH
Capacitive Loading, LOW to
HIGH
0.04
0.04
0.05
0.06
0.08 ns/pF
dTHL
Capacitive Loading, HIGH to
LOW
0.05
0.05
0.06
0.07
0.10 ns/pF
CMOS Output Module Timing5
tDLH
Data-to-Pad HIGH
4.5
5.0
5.6
6.6
9.3
ns
tDHL
Data-to-Pad LOW
3.4
3.8
4.3
5.1
7.1
ns
tENZH
Enable Pad Z to HIGH
3.8
4.2
4.8
5.6
7.8
ns
tENZL
Enable Pad Z to LOW
4.2
4.6
5.3
6.2
8.7
ns
tENHZ
Enable Pad HIGH to Z
7.6
8.4
9.5
11.2
15.7
ns
tENLZ
Enable Pad LOW to Z
7.0
7.8
8.8
10.4
14.5
ns
tGLH
G-to-Pad HIGH
7.1
7.9
8.9
10.5
14.7
ns
tGHL
G-to-Pad LOW
7.1
7.9
8.9
10.5
14.7
ns
tLCO
I/O Latch Clock-to-Out
(Pad-to-Pad), 64 Clock Loading
8.0
8.9
10.1
11.9
16.7
ns
Table 41 •
A42MX16 Timing Characteristics (Nominal 3.3 V Operation)
(Worst-Case Commercial Conditions, VCCA = 3.0 V, TJ = 70°C) (continued)
Parameter / Description
–3 Speed
–2 Speed
–1 Speed
Std Speed –F Speed
Units
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.


Similar Part No. - A42MX09-2TQ100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A42MX09-2TQ100 ETC1-A42MX09-2TQ100 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
A42MX09-2TQ100A ETC1-A42MX09-2TQ100A Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX09-2TQ100A MICROSEMI-A42MX09-2TQ100A Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
List of Unclassifed Man...
A42MX09-2TQ100B ETC1-A42MX09-2TQ100B Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX09-2TQ100B MICROSEMI-A42MX09-2TQ100B Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results

Similar Description - A42MX09-2TQ100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com