Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8864406-XXA Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 5962-8864406-XXA
Description  MIL-STD-1553A/B Bus Transceiver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962-8864406-XXA Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 5962-8864406-XXA Datasheet HTML 2Page - List of Unclassifed Manufacturers 5962-8864406-XXA Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962-8864406-XXA Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962-8864406-XXA Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962-8864406-XXA Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962-8864406-XXA Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962-8864406-XXA Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962-8864406-XXA Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962-8864406-XXA Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
DATA BUS INTERFACE
The designer can connect the UT63M1XX to the data bus via a
short-stub (direct-coupling) connection or a long-stub
(transformer-coupling) connection. Use a short-stub connection
when the distance from the isolation transformer to the data bus
does not exceed a one-foot maximum. Use a long-stub
connection when the distance from the isolation transformer
exceeds the one-foot maximum and is less than twenty-five feet.
Figure 5 shows various examples of bus coupling
configurations. The UT63M1XX series transceivers are
designed to function with MIL-STD-1553A and 1553B
compatible transformers.
RECOMMENDED THERMAL PROTECTION
All packages, single and dual, should mount to or contact a heat
removal rail located in the printed circuit board. To insure proper
heat transfer between the package and the heat removal rail, use
a thermally conductive material between the package and the
heat removal rail. Use a material such as Mereco XLN-589 or
equivalent to insure heat transfer between the package and heat
removal rail.
Figure 4. Typical Receiver Waveforms
QUIESCENT IDLE LOW
RXOUT
RXOUT
LINE-TO-LINE
DIFFERENTIAL
INPUT
RXOUT
RXOUT
tRXDD
Table 2. Transceiver Model Capabilities
MODEL
VCC
VEE
VCCA
IDLE
UT63M105
+5V
-15V
+5 to +15V
Low
UT63M107
+5V
-12V
+5 to +12V
Low
UT63M125
+5V
-15V
+5 to +15V
Low
UT63M127
+5V
-12V
+5 to +12V
Low


Similar Part No. - 5962-8864406-XXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-88602013A TI-5962-88602013A Datasheet
526Kb / 16P
[Old version datasheet]   16-BIT SHIFT REGISTERS
5962-8860201JA TI-5962-8860201JA Datasheet
526Kb / 16P
[Old version datasheet]   16-BIT SHIFT REGISTERS
5962-8860201KA TI-5962-8860201KA Datasheet
526Kb / 16P
[Old version datasheet]   16-BIT SHIFT REGISTERS
5962-8860201LA TI-5962-8860201LA Datasheet
526Kb / 16P
[Old version datasheet]   16-BIT SHIFT REGISTERS
5962-88606012A TI-5962-88606012A Datasheet
129Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS WITH ADDRESS LATCHES
More results

Similar Description - 5962-8864406-XXA

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT63M147 AEROFLEX-UT63M147 Datasheet
1Mb / 20P
   MIL-STD-1553A/B Bus Transceiver
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
   Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
logo
MMD Components
MVLP2 MMD-MVLP2 Datasheet
106Kb / 2P
   MIL-STD-883 Level B
logo
Aeroflex Circuit Techno...
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
   ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
   Core1553BBC MIL-STD-1553B Bus Controller
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
   Data Bus (MIL-STD-1553B) Components
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
   Data Bus (MIL-STD-1553B) Components
Revised 12-03
logo
List of Unclassifed Man...
BUS-8559 ETC1-BUS-8559 Datasheet
811Kb / 4P
   VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com