Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC17C724EP Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC17C724EP
Description  0.4 A Dual H-Bridge Motor Driver IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17C724EP Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC17C724EP Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17C724EP Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
17C724
TERMINAL CONNECTIONS
TERMINAL CONNECTIONS
Figure 3. 17C724 Terminal Connections
Table 1. 17C724 Terminal Definitions
A functional description of each terminal can be found in the Functional Terminal Description section beginning on page 8.
Terminal
Number
Terminal
Name
Terminal
Function
Formal Name
Definition
1
IN1A
Logic
Logic Input Control 1A Logic input control of OUT1A (refer to Table 5, Truth Table, page 7).
2
IN1B
Logic
Logic Input Control 1B Logic input control of OUT1B (refer to Table 5, Truth Table, page 7).
3
OUT1A
Output
H-Bridge Output 1A
Output A of H-Bridge channel 1.
4
VM1
Power
Motor Driver Power
Supply 1
Positive power source connection for H-Bridge 1 (Motor Driver Power
Supply) (1).
5
OUT2A
Output
H-Bridge Output 2A
Output A of H-Bridge channel 2.
6, 7
PGND2
Ground
Power Ground 2
High-current power ground 2 (2).
8
OUT2B
Output
H-Bridge Output 2B
Output B of H-Bridge channel 2.
9
VM2
Power
Motor Driver Power
Supply 2
Positive power source connection for H-Bridge 2 (Motor Driver Power
Supply) (1).
10
OUT1B
Output
H-Bridge Output 1B
Output B of H-Bridge channel 1.
11
IN2B
Input
Logic Input Control 2B Logic input control of OUT2B (refer to Table 5, Truth Table, page 7).
12
IN2A
Input
Logic Input Control 2A Logic input control of OUT2A (refer to Table 5, Truth Table, page 7).
13
PSAVE
Input
Input Enable Control
Logic input enable control of H-Bridges to save power.
14
LGND
Ground
Logic Ground
Low-current logic signal ground (2).
15
PGND1
Ground
Power Ground 1
High-current power ground 1 (2).
16
VDD
Logic
Logic Circuit Power
Supply
Positive power source connection for logic circuit.
Notes
1.
VM1 and VM2 are internally connected.
2.
LGND, PGND1, and PGND2 are internally connected.
Transparent Top View of Package
1N1A
OUT1A
VM1
1N1B
15
5
4
3
2
1
IN2A
OUT1B
VM2
IN2B
10
9
14
13
11
12
8
16
67


Similar Part No. - MPC17C724EP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17C724EP/R2 FREESCALE-MPC17C724EP/R2 Datasheet
842Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
MPC17C724EPR2 FREESCALE-MPC17C724EPR2 Datasheet
842Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
More results

Similar Description - MPC17C724EP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17C724EPR2 FREESCALE-MPC17C724EPR2 Datasheet
842Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
logo
HuaXinAn Electronics CO...
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
   Dual H-Bridge Motor Driver IC
AP1014AEC HUAXINAN-AP1014AEC Datasheet
456Kb / 13P
   Dual H-Bridge Motor Driver IC
logo
Asahi Kasei Microsystem...
AP1014AEC AKM-AP1014AEC Datasheet
546Kb / 13P
   7.0V Dual H-Bridge Motor Driver IC
AP1016AEN AKM-AP1016AEN Datasheet
622Kb / 15P
   9.0V Dual H-Bridge Motor Driver IC
AP1018 AKM-AP1018 Datasheet
480Kb / 17P
   18V Dual H-Bridge Motor Driver IC
AP1019 AKM-AP1019 Datasheet
581Kb / 15P
   9.0V Dual H-Bridge Motor Driver IC
AP1012A AKM-AP1012A Datasheet
480Kb / 14P
   18V Dual H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR DRIVER IC
DRV8881 TI1-DRV8881 Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com