Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP380 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. MKP380
Description  AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP380 Datasheet(HTML) 5 Page - Vishay Siliconix

  MKP380 Datasheet HTML 1Page - Vishay Siliconix MKP380 Datasheet HTML 2Page - Vishay Siliconix MKP380 Datasheet HTML 3Page - Vishay Siliconix MKP380 Datasheet HTML 4Page - Vishay Siliconix MKP380 Datasheet HTML 5Page - Vishay Siliconix MKP380 Datasheet HTML 6Page - Vishay Siliconix MKP380 Datasheet HTML 7Page - Vishay Siliconix MKP380 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 28136
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 21-Nov-05
5
MKP 380
AC and Pulse Metallized Polypropylene
Film Capacitors MKP Radial Potted Type
Vishay BCcomponents
SPECIFIC REFERENCE DATA (250 VDC)
URdc = 250 V; URac = 160 V; Up-p = 450 V
DESCRIPTION
VALUE
Tangent of loss angle:
at 10 kHz
at 100 kHz
0.0091 µF
≤ C ≤ 0.027 µF
≤ 5 × 10−4
≤ 15 × 10−4
0.027 µF
< C ≤ 0.043 µF
≤ 5 × 10−4
≤ 20 × 10−4
Rated voltage pulse slope (dU/dt)R at 250 V (DC)
90 V/
µs
R between leads for C
≤ 1.0 µF at 100 V; 1 minute
> 100000 MΩ
R between interconnected leads and case; 100 V; 1 minute
> 100000 MΩ
Withstanding (DC) voltage (cut off current 10 mA); rise time 100 V/s
400 V; 1 minute
Withstanding (DC)voltage between leads and case
2840 V; 1 minute
C
(µF)
DIMENSIONS
W
× H × L
(mm)
MASS
(g)
CATALOG NUMBER 2222 380 ..... AND PACKAGING
AMMOPACK
LOOSE IN BOX
H
= 18.5 mm
lt = 4.0 + 1.0/− 0.5 mm
C-tol
=± 10 %
LAST 5 DIGITS OF
CATALOG NUMBER
SPQ
SPQ
Pitch
= 5.0 ± 0.3 mm; d
t = 0.50 ± 0.05 mm
0.0091
3.5
× 8.0 × 7.2
0.35
45912
1500
2000
0.01
45103
0.011
45113
0.012
45123
0.013
45133
0.015
45153
0.016
4.5
× 9.0 × 7.2
0.45
45163
1000
2000
0.018
45183
0.02
45203
0.022
45223
0.024
45243
0.027
6.0
× 11.0 × 7.2
0.60
45273
750
2000
0.03
45303
0.033
45333
0.036
45363
0.039
45393
0.043
45433


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn