Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4863-2G Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TDA4863-2G
Description  Power Factor Controller IC for High Power Factor and Low THD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA4863-2G Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TDA4863-2G Datasheet HTML 12Page - Infineon Technologies AG TDA4863-2G Datasheet HTML 13Page - Infineon Technologies AG TDA4863-2G Datasheet HTML 14Page - Infineon Technologies AG TDA4863-2G Datasheet HTML 15Page - Infineon Technologies AG TDA4863-2G Datasheet HTML 16Page - Infineon Technologies AG TDA4863-2G Datasheet HTML 17Page - Infineon Technologies AG TDA4863-2G Datasheet HTML 18Page - Infineon Technologies AG TDA4863-2G Datasheet HTML 19Page - Infineon Technologies AG TDA4863-2G Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
TDA4863-2
Electrical Characteristics
Data Sheet
16
V1.2, 2004-02
Restart Timer
Restart time
tRES
100
160
250
µs
Gate Drive
Gate drive voltage low state
VGTL
0.85
IGT =0 mA
V
GTL
1.0
V
I
GT =2 mA
1.7
IGT =20mA
2.2
IGT =200 mA
Gate drive voltage high state V
GTH
10.8
IGT =-5 mA,
see “Gate Drive
Voltage High
State versus
Vcc” on Page 20
Gate drive voltage active shut
down
V
GTSD
11.25
I
GT =20mA,
VCC =9 V
Rise time
trise
80
130
ns
CGT = 4.7nF
VGT = 2...8 V
Fall time
tfall
55
130
3.2
Characteristics (cont’d)
Unless otherwise stated, -40°C < T
j < 150°C, VCC = 14.5 V
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.


Similar Part No. - TDA4863-2G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4863-2G INFINEON-TDA4863-2G Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
More results

Similar Description - TDA4863-2G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2_05 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
ICE1PD265G INFINEON-ICE1PD265G Datasheet
79Kb / 16P
   Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
10.09.01
logo
Seoul Semiconductor
SMJQ13XXFNSX SEOUL-SMJQ13XXFNSX Datasheet
925Kb / 19P
   High Power Factor and Low THD
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
International Rectifier
IRPLLNR2 IRF-IRPLLNR2 Datasheet
355Kb / 16P
   High Power Factor/Low THD
logo
Siemens Semiconductor G...
TDA4814 SIEMENS-TDA4814 Datasheet
312Kb / 14P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filter
TDA4817 SIEMENS-TDA4817 Datasheet
369Kb / 12P
   Power Factor Controller IC for High Power Factor and Active Harmonic Filtering
logo
Bel Fuse Inc.
SPAFCBK-11G BEL-SPAFCBK-11G Datasheet
2Mb / 37P
   High power quality (Power Factor and THD)
logo
Infineon Technologies A...
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com