Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A42MX09-2TQ100A Datasheet(PDF) 74 Page - Microsemi Corporation

Part # A42MX09-2TQ100A
Description  40MX and 42MX FPGA
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A42MX09-2TQ100A Datasheet(HTML) 74 Page - Microsemi Corporation

Back Button A42MX09-2TQ100A Datasheet HTML 70Page - Microsemi Corporation A42MX09-2TQ100A Datasheet HTML 71Page - Microsemi Corporation A42MX09-2TQ100A Datasheet HTML 72Page - Microsemi Corporation A42MX09-2TQ100A Datasheet HTML 73Page - Microsemi Corporation A42MX09-2TQ100A Datasheet HTML 74Page - Microsemi Corporation A42MX09-2TQ100A Datasheet HTML 75Page - Microsemi Corporation A42MX09-2TQ100A Datasheet HTML 76Page - Microsemi Corporation A42MX09-2TQ100A Datasheet HTML 77Page - Microsemi Corporation A42MX09-2TQ100A Datasheet HTML 78Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 173 page
background image
40MX and 42MX FPGAs
DS2316 Datasheet Revision 16.0
66
CMOS Output Module Timing5
tDLH
Data-to-Pad HIGH
3.2
3.6
4.0
4.7
6.6
ns
tDHL
Data-to-Pad LOW
2.5
2.7
3.1
3.6
5.1
ns
tENZH
Enable Pad Z to HIGH
2.7
3.0
3.4
4.0
5.6
ns
tENZL
Enable Pad Z to LOW
3.0
3.3
3.8
4.4
6.2
ns
tENHZ
Enable Pad HIGH to Z
5.4
6.0
6.8
8.0
11.2
ns
tENLZ
Enable Pad LOW to Z
5.0
5.6
6.3
7.4
10.4 ns
tGLH
G-to-Pad HIGH
5.1
5.6
6.4
7.5
10.5 ns
tGHL
G-to-Pad LOW
5.1
5.6
6.4
7.5
10.5 ns
tLCO
I/O Latch Clock-to-Out
(Pad-to-Pad), 64 Clock Loading
5.7
6.3
7.1
8.4
11.9
ns
tACO
Array Clock-to-Out
(Pad-to-Pad), 64 Clock Loading
8.0
8.9
10.1
11.9
16.7 ns
dTLH
Capacitive Loading, LOW to
HIGH
0.03
0.03
0.03
0.04
0.06 ns/pF
1.
For dual-module macros, use tPD1 + tRD1 + tPDn, tCO + tRD1 + tPDn, or tPD1 + tRD1 + tSUD, point and position whichever is
appropriate.
2.
Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating
device performance. Post-route timing analysis or simulation is required to determine actual performance.
3.
Data applies to macros based on the S-module. Timing parameters for sequential macros constructed from C-modules
can be obtained from the Timer utility.
4.
Set-up and hold timing parameters for the input buffer latch are defined with respect to the PAD and the D input. External
setup/hold timing parameters must account for delay from an external PAD signal to the G inputs. Delay from an external PAD
signal to the G input subtracts (adds) to the internal setup (hold) time.
5.
Delays based on 35 pF loading
Table 41 •
A42MX16 Timing Characteristics (Nominal 3.3 V Operation)
(Worst-Case Commercial Conditions, VCCA = 3.0 V, TJ = 70°C)
Parameter / Description
–3 Speed
–2 Speed
–1 Speed
Std Speed –F Speed
Units
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
Logic Module Propagation Delays1
tPD1
Single Module
1.9
2.1
2.4
2.8
4.0
ns
tCO
Sequential Clock-to-Q
2.0
2.2
2.5
3.0
4.2
ns
tGO
Latch G-to-Q
1.9
2.1
2.4
2.8
4.0
ns
tRS
Flip-Flop (Latch) Reset-to-Q
2.2
2.4
2.8
3.3
4.6
ns
Logic Module Predicted Routing Delays2
tRD1
FO = 1 Routing Delay
1.1
1.2
1.4
1.6
2.3
ns
tRD2
FO = 2 Routing Delay
1.5
1.6
1.8
2.1
3.0
ns
tRD3
FO = 3 Routing Delay
1.8
2.0
2.3
2.7
3.8
ns
tRD4
FO = 4 Routing Delay
2.2
2.4
2.7
3.2
4.5
ns
tRD8
FO = 8 Routing Delay
3.6
4.0
4.5
5.3
7.5
ns
Table 40 •
A42MX16 Timing Characteristics (Nominal 5.0 V Operation)
(Worst-Case Commercial Conditions, VCCA = 4.75 V, TJ = 70°C) (continued)
Parameter / Description
–3 Speed
–2 Speed
–1 Speed
Std Speed
–F Speed
Units
Min. Max. Min. Max.
Min. Max. Min. Max. Min. Max.


Similar Part No. - A42MX09-2TQ100A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A42MX09-2TQ100A ETC1-A42MX09-2TQ100A Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX09-2TQ100A MICROSEMI-A42MX09-2TQ100A Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results

Similar Description - A42MX09-2TQ100A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com