Electronic Components Datasheet Search |
|
A42MX09-2TQ100A Datasheet(PDF) 26 Page - Microsemi Corporation |
|
A42MX09-2TQ100A Datasheet(HTML) 26 Page - Microsemi Corporation |
26 / 173 page 40MX and 42MX FPGAs DS2316 Datasheet Revision 16.0 18 fq2 = Average second routed array clock rate in MHz) 3.4.6 Test Circuitry and Silicon Explorer II Probe MX devices contain probing circuitry that provides built-in access to every node in a design, via the use of Silicon Explorer II. Silicon Explorer II is an integrated hardware and software solution that, in conjunction with the Designer software, allows users to examine any of the internal nets of the device while it is operating in a prototyping or a production system. The user can probe into an MX device without changing the placement and routing of the design and without using any additional resources. Silicon Explorer II's noninvasive method does not alter timing or loading effects, thus shortening the debug cycle and providing a true representation of the device under actual functional situations. Silicon Explorer II samples data at 100 MHz (asynchronous) or 66 MHz (synchronous). Silicon Explorer II attaches to a PC's standard COM port, turning the PC into a fully functional 18-channel logic analyzer. Silicon Explorer II allows designers to complete the design verification process at their desks and reduces verification time from several hours per cycle to a few seconds. Silicon Explorer II is used to control the MODE, DCLK, SDI and SDO pins in MX devices to select the desired nets for debugging. The user simply assigns the selected internal nets in the Silicon Explorer II software to the PRA/PRB output pins for observation. Probing functionality is activated when the MODE pin is held HIGH. Figure 12, page 18 illustrates the interconnection between Silicon Explorer II and 40MX devices, while Figure 13, page 19 illustrates the interconnection between Silicon Explorer II and 42MX devices To allow for probing capabilities, the security fuses must not be programmed. (See User Security, page 14 for the security fuses of 40MX and 42MX devices). Table 8, page 19 summarizes the possible device configurations for probing. PRA and PRB pins are dual-purpose pins. When the “Reserve Probe Pin” is checked in the Designer software, PRA and PRB pins are reserved as dedicated outputs for probing. If PRA and PRB pins are required as user I/Os to achieve successful layout and “Reserve Probe Pin” is checked, the layout tool will override the option and place user I/Os on PRA and PRB pins. Figure 12 • Silicon Explorer II Setup with 40MX Table 7 • Fixed Capacitance Values for MX FPGAs (pF) Device Type r1 routed_Clk1 r2 routed_Clk2 A40MX02 41.4 N/A A40MX04 68.6 N/A A42MX09 118 118 A42MX16 165 165 A42MX24 185 185 A42MX36 220 220 40MX Silicon Explorer II PRA PRB SDO DCLK SDI MODE Serial Connection to Windows PC 16 Logic Analyzer Channels |
Similar Part No. - A42MX09-2TQ100A |
|
Similar Description - A42MX09-2TQ100A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |