Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF8J48 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SF8J48
Description  MEDIUM POWER CONTROL APPLICATIONS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SF8J48 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SF8J48 Datasheet HTML 1Page - Toshiba Semiconductor SF8J48 Datasheet HTML 2Page - Toshiba Semiconductor SF8J48 Datasheet HTML 3Page - Toshiba Semiconductor SF8J48 Datasheet HTML 4Page - Toshiba Semiconductor SF8J48 Datasheet HTML 5Page - Toshiba Semiconductor SF8J48 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SF8G48,SF8J48,USF8G48,USF8J48
2001-07-13
1
TOSHIBA THYRISTOR SILICON PLANAR TYPE
SF8G48,SF8J48,USF8G48,USF8J48
MEDIUM POWER CONTROL APPLICATIONS
l Repetitive Peak Off-State Voltage : VDRM=400,600V
Repetitive Peak Reverse Voltage : VRRM=400,600V
l Average On-State Current
: IT (AV) =8A
l Gate Trigger Current
: IGT=10mA Max.
Unit in mm
SF8G48
· SF8J48
USF8G48
· USF8J48
JEDEC
JEDEC
JEITA
JEITA
TOSHIBA
13-10J1B
TOSHIBA
13-10J2B
Weight : 1.7g
MARKING
F8G48
SF8G48, USF8G48
*1
MARK
F8J48
TYPE
NAME
SF8J48, USF8J48
*2


Similar Part No. - SF8J48

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
SF8J48 KERSEMI-SF8J48 Datasheet
906Kb / 5P
   THYRISITOR SILICON PLANAR TYPE
More results

Similar Description - SF8J48

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SF8G41A TOSHIBA-SF8G41A Datasheet
234Kb / 6P
   MEDIUM POWER CONTROL APPLICATIONS
SF25GZ51 TOSHIBA-SF25GZ51 Datasheet
239Kb / 6P
   MEDIUM POWER CONTROL APPLICATIONS
SF16JZ51 TOSHIBA-SF16JZ51 Datasheet
242Kb / 6P
   MEDIUM POWER CONTROL APPLICATIONS
SF5G42 TOSHIBA-SF5G42 Datasheet
270Kb / 6P
   SILICON PLANAR TYPE (MEDIUM POWER CONTROL APPLICATIONS)
logo
Kersemi Electronic Co.,...
SF25GZ51 KERSEMI-SF25GZ51 Datasheet
916Kb / 5P
   Medium Power Control
SF16GZ51 KERSEMI-SF16GZ51 Datasheet
914Kb / 5P
   Medium Power Control
logo
Toshiba Semiconductor
2SC5720 TOSHIBA-2SC5720 Datasheet
95Kb / 3P
   MEDIUM POWER AMPLIFIER APPLICATIONS
2SC3419 TOSHIBA-2SC3419_04 Datasheet
128Kb / 4P
   Medium-Power Amplifier Applications
2SC4781 TOSHIBA-2SC4781_04 Datasheet
94Kb / 3P
   Medium Power Amplifier Applications
logo
Guangdong Kexin Industr...
2SC2982 KEXIN-2SC2982 Datasheet
339Kb / 2P
   Medium Power Amplifier Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com