Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A42MX09-2TQ100M Datasheet(PDF) 84 Page - Microsemi Corporation

Part # A42MX09-2TQ100M
Description  40MX and 42MX FPGA
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A42MX09-2TQ100M Datasheet(HTML) 84 Page - Microsemi Corporation

Back Button A42MX09-2TQ100M Datasheet HTML 80Page - Microsemi Corporation A42MX09-2TQ100M Datasheet HTML 81Page - Microsemi Corporation A42MX09-2TQ100M Datasheet HTML 82Page - Microsemi Corporation A42MX09-2TQ100M Datasheet HTML 83Page - Microsemi Corporation A42MX09-2TQ100M Datasheet HTML 84Page - Microsemi Corporation A42MX09-2TQ100M Datasheet HTML 85Page - Microsemi Corporation A42MX09-2TQ100M Datasheet HTML 86Page - Microsemi Corporation A42MX09-2TQ100M Datasheet HTML 87Page - Microsemi Corporation A42MX09-2TQ100M Datasheet HTML 88Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 173 page
background image
40MX and 42MX FPGAs
DS2316 Datasheet Revision 16.0
76
TTL Output Module Timing5
tLH
I/O Latch Output Hold
0.0
0.0
0.0
0.0
0.0
ns
tLCO
I/O Latch Clock-to-Out
(Pad-to-Pad) 32 I/O
7.7
8.5
9.6
11.3
15.9 ns
tACO
Array Latch Clock-to-Out
(Pad-to-Pad) 32 I/O
14.8
16.5
18.7
22.0
30.8 ns
dTLH
Capacitive Loading, LOW to HIGH
0.05
0.05
0.06
0.07
0.10 ns/pF
dTHL
Capacitive Loading, HIGH to LOW
0.04
0.04
0.05
0.06
0.08 ns/pF
CMOS Output Module Timing5
tDLH
Data-to-Pad HIGH
4.8
5.3
5.5
6.4
9.0
ns
tDHL
Data-to-Pad LOW
3.5
3.9
4.1
4.9
6.8
ns
tENZH
Enable Pad Z to HIGH
3.6
4.0
4.5
5.3
7.4
ns
tENZL
Enable Pad Z to LOW
3.4
4.0
5.0
5.8
8.2
ns
tENHZ
Enable Pad HIGH to Z
7.2
8.0
9.0
10.7
14.9 ns
tENLZ
Enable Pad LOW to Z
6.7
7.5
8.5
9.9
13.9 ns
tGLH
G-to-Pad HIGH
6.8
7.6
8.6
10.1
14.2 ns
tGHL
G-to-Pad LOW
6.8
7.6
8.6
10.1
14.2 ns
tLSU
I/O Latch Set-Up
0.7
0.7
0.8
1.0
1.4
ns
tLH
I/O Latch Hold
0.0
0.0
0.0
0.0
0.0
ns
tLCO
I/O Latch Clock-to-Out
(Pad-to-Pad) 32 I/O
7.7
8.5
9.6
11.3
15.9 ns
tACO
Array Latch Clock-to-Out
(Pad-to-Pad) 32 I/O
14.8
16.5
18.7
22.0
30.8 ns
dTLH
Capacitive Loading, LOW to HIGH
0.05
0.05
0.06
0.07
0.10 ns/pF
dTHL
Capacitive Loading, HIGH to LOW
0.04
0.04
0.05
0.06
0.08 ns/pF
tHEXT
Input Latch External
Hold
FO = 32
FO = 486
3.9
4.6
4.3
5.2
4.9
5.8
5.7
6.9
8.1
9.6
ns
ns
tP
Minimum Period
(1/fMAX)
FO = 32
FO = 486
7.8
8.6
8.7
9.5
9.5
10.4
10.8
11.9
18.2
19.9
ns
ns
1.
For dual-module macros, use tPD1 + tRD1 + tPDn, tCO + tRD1 + tPDn, or tPD1 + tRD1 + tSUD, whichever is appropriate.
2.
Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating
device performance. Post-route timing analysis or simulation is required to determine actual performance.
3.
Data applies to macros based on the S-module. Timing parameters for sequential macros constructed from C-modules can be
obtained from the Timer utility.
4.
Set-up and hold timing parameters for the Input Buffer Latch are defined with respect to the PAD and the D input. External
setup/hold timing parameters must account for delay from an external PAD signal to the G inputs. Delay from an external PAD
signal to the G input subtracts (adds) to the internal setup (hold) time.
5.
Delays based on 35 pF loading.
Table 43 •
A42MX24 Timing Characteristics (Nominal 3.3 V Operation)
(Worst-Case Commercial Conditions, VCCA = 3.0 V, TJ = 70°C) (continued)
Parameter / Description
–3 Speed
–2 Speed
–1 Speed
Std Speed –F Speed
Units
Min. Max. Min. Max. Min. Max. Min.
Max. Min. Max.


Similar Part No. - A42MX09-2TQ100M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A42MX09-2TQ100M ETC1-A42MX09-2TQ100M Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX09-2TQ100M MICROSEMI-A42MX09-2TQ100M Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results

Similar Description - A42MX09-2TQ100M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com