Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM16C02 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PCM16C02
Description  Configurable Multiple Function PC Card Interface Chip
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PCM16C02 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button PCM16C02 Datasheet HTML 4Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 5Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 6Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 7Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 8Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 9Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 10Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 11Page - National Semiconductor (TI) PCM16C02 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
50 Functional Description
The PCM16C02 provides an integrated solution to interfac-
ing dual function IO cards with the PC Card Bus The part
has a contiguous 1-kbyte RAM block to store attribute mem-
ory The IC also provides an EEPROM interface to serial
EEPROMs that use the MICROWIRE protocol At a mini-
mum a 16-kbit serial EEPROM is required The part allows
IO address windows to be programmed independently for
each function
51 ADDRESS MAPS
511 Attribute Memory Addressing
The Attribute Memory space contains both the Card Infor-
mation Structure (CIS) PC Card Registers for both IO func-
tions and PCM16C02 implementation specific registers
Note that PC Card Standard specifies that Attribute memory
may only be accessed on even address byte boundaries
The Attribute Memory space fragmentation is shown in Ta-
ble 5-1
TABLE 5-1 Attribute Memory Map
Register Description
Register Type
Address (Hex)
EEPROM
Card Information Structure
PC Card CIS
0x000 – 0x03E2
Yes
Pin Polarity Register
PCM16C02 Specific
0x03E4
Yes
PMGR and Clock Register
PCM16C02 Specific
0x03E6
Yes
CTERM0 Register
PCM16C02 Specific
0x03E8
Yes
CTERM1 Register
PCM16C02 Specific
0x03EA
Yes
Reserved for Future Use Registers
PCM16C02 Specific
0x03EC – 0x03EE
Yes
Miscellaneous Register
PCM16C02 Specific
0x03F0
Yes
Reserved for Future Use Registers
PCM16C02 Specific
0x03F2 – 0x03F4
Yes
Wait State Timer Registers
PCM16C02 Specific
0x03F6
Yes
NAND Flash (NM29N16) Config Register
PCM16C02 Specific
0x03F8
Yes
Reserved for Future Use Register
PCM16C02 Specific
0x03FA
Yes
Watchdog Timer Register
PCM16C02 Specific
0x03FC
Yes
Reserved for Future Use Registers
PCM16C02 Specific
0x03FE
Yes
Card Information Structure
PC Card CIS
0x0400 – 0x07FE
Optional
ID Register
PCM16C02 Specific
0x1000
No
EEPROM Control Register
PCM16C02 Specific
0x1002
No
EEPROM Security Register
PCM16C02 Specific
0x1004
No
Reserved for Future Use Registers
PCM16C02 Specific
0x1006 – 0x101E
No
Function 0 Configuration Option Register
PC Card
0x1020
No
Function 0 Configuration Status Register
PC Card
0x1022
No
Function 0 Pin Replacement Register
PC Card
0x1024
No
Unused
PC Card
0x1026
No
Function 0 IO Event Register
PC Card
0x1028
No
Function 0 Base A Register
PC Card Extension
0x102A
No
Function 0 Base B Register
PC Card Extension
0x102C
No
Unused
PC Card Extension
0x102E – 0x1030
No
Function 0 Limit Register
PC Card Extension
0x1032
No
Reserved for Future Use Registers
PC Card Extension
0x1034 – 0x103E
No
Function 1 Configuration Option Register
PC Card
0x1040
No
Function 1 Configuration Status Register
PC Card
0x1042
No
Function 1 Pin Replacement Register
PC Card
0x1044
No
Unused
PC Card
0x1046
No
Function 1 IO Event Register
PC Card
0x1048
No
8


Similar Part No. - PCM16C02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PCM16C00 NSC-PCM16C00 Datasheet
397Kb / 40P
   Configurable Multiple Function PCMCIA Interface Chip
PCM16C010 NSC-PCM16C010 Datasheet
394Kb / 38P
   Configurable PC Card Interface Chip
More results

Similar Description - PCM16C02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PCM16C00 NSC-PCM16C00 Datasheet
397Kb / 40P
   Configurable Multiple Function PCMCIA Interface Chip
PCM16C010 NSC-PCM16C010 Datasheet
394Kb / 38P
   Configurable PC Card Interface Chip
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com