Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NJU7630 Datasheet(PDF) 2 Page - New Japan Radio

Part No. NJU7630
Description  PWM control Step-Down switching regulator IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.njr.co.jp/index_e.htm
Logo NJRC - New Japan Radio

NJU7630 Datasheet(HTML) 2 Page - New Japan Radio

  NJU7630 Datasheet HTML 1Page - New Japan Radio NJU7630 Datasheet HTML 2Page - New Japan Radio NJU7630 Datasheet HTML 3Page - New Japan Radio NJU7630 Datasheet HTML 4Page - New Japan Radio NJU7630 Datasheet HTML 5Page - New Japan Radio NJU7630 Datasheet HTML 6Page - New Japan Radio NJU7630 Datasheet HTML 7Page - New Japan Radio NJU7630 Datasheet HTML 8Page - New Japan Radio NJU7630 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NJU7630
- 2 -
Ver.2005-03-01
■BLOCK DIAGRAM
Buffer
0.5V
OSC
1V
0.5
RT
A
2kΩ
2
µA
UVLO
Soft Start
Vref
1V
1V
0.8V
0.2V
OUT
GND
RT
DTC
RT
SCP
IN-
FB
V
+
PWM
SCP
ER
⋅AMP
Latch


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn