Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRGB4B60KD1 Datasheet(PDF) 5 Page - International Rectifier

Part No. IRGB4B60KD1
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRGB4B60KD1 Datasheet(HTML) 5 Page - International Rectifier

 
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
IRGB/S/SL4B60KD1
www.irf.com
5
Fig. 10 - Typical VCE vs. VGE
TJ = 25°C
Fig. 9 - Typical VCE vs. VGE
TJ = -40°C
Fig. 12 - Typ. Transfer Characteristics
VCE = 360V; tp = 10µs
Fig. 11 - Typical VCE vs. VGE
TJ = 150°C
5
101520
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 2.0A
ICE = 4.0A
ICE = 8.0A
5
101520
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 2.0A
ICE = 4.0A
ICE = 8.0A
510
15
20
VGE (V)
0
2
4
6
8
10
12
14
16
18
20
ICE = 2.0A
ICE = 4.0A
ICE = 8.0A
0
5
10
15
20
VGS, Gate-to-Source Voltage (V)
0
5
10
15
20
25
30
TJ = 25°C
TJ = 150°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn