Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRGB4B60KD1 Datasheet(PDF) 3 Page - International Rectifier

Part No. IRGB4B60KD1
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRGB4B60KD1 Datasheet(HTML) 3 Page - International Rectifier

 
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
IRGB/S/SL4B60KD1
www.irf.com
3
Fig. 1 - Maximum DC Collector Current vs.
Case Temperature
Fig. 2 - Power Dissipation vs. Case
Temperature
Fig. 3 - Forward SOA
TC = 25°C; TJ 150°C
Fig. 4 - Reverse Bias SOA
TJ = 150°C; VGE =15V
0
20
40
60
80 100 120 140 160 180
TC (°C)
0
10
20
30
40
50
60
70
0
1
10
100
1000
10000
VCE (V)
0.01
0.1
1
10
100
10ms
DC
1ms
100µs
10
100
1000
VCE (V)
0
1
10
100
0
20
40
60
80 100 120 140 160 180
TC (°C)
0
2
4
6
8
10
12


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn