Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF9030MR1 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MRF9030MR1
Description  The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9030MR1 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MRF9030MR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9030MR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9030MR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9030MR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9030MR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9030MR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF9030MR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF9030MR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF9030MR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MRF9030MR1 MRF9030MBR1
10
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
TO-270-2
PLASTIC
MRF9030MR1
CASE 1265-08
ISSUE G
DATUM
PLANE
BOTTOM VIEW
A1
2X
E
D1
E4
E1
D2
E3
A2
EXPOSED
HEATSINK AREA
A
B
D
H
PIN ONE ID
D
A
M
aaa
D
A
M
aaa
D
2X
b1
2X
D3
NOTES:
1. CONTROLLING DIMENSION: INCH.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M-1994.
3. DATUM PLANE -H- IS LOCATED AT TOP OF LEAD
AND IS COINCIDENT WITH THE LEAD WHERE
THE LEAD EXITS THE PLASTIC BODY AT THE
TOP OF THE PARTING LINE.
4. DIMENSIONS “D1" AND “E1" DO NOT INCLUDE
MOLD PROTRUSION. ALLOWABLE PROTRUSION
IS .006 PER SIDE. DIMENSIONS “D1" AND “E1" DO
INCLUDE MOLD MISMATCH AND ARE DETER
MINED AT DATUM PLANE -H-.
5. DIMENSION b1 DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE .005 TOTAL IN EXCESS
OF THE b1 DIMENSION AT MAXIMUM MATERIAL
CONDITION.
6. DATUMS -A- AND -B- TO BE DETERMINED AT
DATUM PLANE -H-.
7. DIMENSION A2 APPLIES WITHIN ZONE “J" ONLY.
8. DIMENSIONS “D" AND “E2" DO NOT INCLUDE
MOLD PROTRUSION. ALLOWABLE PROTRUSION
IS .003 PER SIDE. DIMENSIONS “D" AND “E2" DO
INCLUDE MOLD MISMATCH AND ARE DETER
MINED AT DATUM PLANE -D-.
NOTE 7
c1
F
ZONE J
E2
2X
A
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
.078
.082
1.98
2.08
INCHES
A1
.039
.043
0.99
1.09
A2
.040
.042
1.02
1.07
D
.416
.424
10.57
10.77
D1
.378
.382
9.60
9.70
D2
.290
.320
7.37
8.13
D3
.016
.024
0.41
0.61
E
.436
.444
11.07
11.28
E1
.238
.242
6.04
6.15
E2
.066
.074
1.68
1.88
E3
.150
.180
3.81
4.57
E4
.058
.066
1.47
1.68
F
b1
.193
.199
4.90
5.06
c1
.007
.011
0.18
0.28
aaa
.025 BSC
.004
0.64 BSC
0.10
PIN 1
PIN 2
PIN 3
STYLE 1:
PIN 1. DRAIN
2. GATE
3. SOURCE
E5
E5
E5
.231
.235
5.87
5.97
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF9030MR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9030MR1 FREESCALE-MRF9030MR1 Datasheet
295Kb / 12P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF9030MR1 MOTOROLA-MRF9030MR1 Datasheet
452Kb / 12P
   The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRF9030MR1 FREESCALE-MRF9030MR1 Datasheet
533Kb / 16P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9030MR1 FREESCALE-MRF9030MR1_07 Datasheet
533Kb / 16P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF9030MR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9060MR1 MOTOROLA-MRF9060MR1 Datasheet
422Kb / 12P
   The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs
MRF9030MR1 MOTOROLA-MRF9030MR1 Datasheet
452Kb / 12P
   The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9030LR1 MOTOROLA-MRF9030LR1 Datasheet
547Kb / 12P
   The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF21120 MOTOROLA-MRF21120 Datasheet
401Kb / 8P
   The RF Sub-Micron MOSFET Line RF Power Field Effect Trasistor N-Channel Enhancement-Mode Lateral MOSFET
MRF373 MOTOROLA-MRF373 Datasheet
217Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S19100HR3 MOTOROLA-MRF5S19100HR3 Datasheet
726Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF19030LR3 MOTOROLA-MRF19030LR3 Datasheet
594Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF18030BR3 MOTOROLA-MRF18030BR3 Datasheet
275Kb / 8P
   THE RF MOSFET LINE RF POWER FIELD EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE LATERAL MOSFETS
MRF9045M MOTOROLA-MRF9045M Datasheet
144Kb / 8P
   The RF Sub-Micron MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5S21100LR3 MOTOROLA-MRF5S21100LR3 Datasheet
564Kb / 12P
   The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com