Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF9030MR1 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part No. MRF9030MR1
Description  The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9030MR1 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRF9030MR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9030MR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9030MR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9030MR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9030MR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9030MR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9030MR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9030MR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9030MR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
MRF9030MR1 MRF9030MBR1
MOTOROLA RF DEVICE DATA
Figure 1. 930-960 MHz Broadband Test Circuit Schematic
Z1
0.260″ x 0.060″ Microstrip
Z2
0.240″ x 0.060″ Microstrip
Z3
0.500″ x 0.100″ Microstrip
Z4
0.200″ x 0.270″ Microstrip
Z5
0.330″ x 0.270″ Microstrip
Z6
0.140″ x 0.270″ x 0.520″, Taper
Z7
0.040″ x 0.520″ Microstrip
Z8
0.090″ x 0.520″ Microstrip
Z9
0.370″ x 0.520″ Microstrip (MRF9030MR1)
0.290″ x 0.520″ Microstrip (MRF9030MBR1)
Z10
0.130″ x 0.520″ Microstrip (MRF9030MR1)
0.210″ x 0.520″ Microstrip (MRF9030MBR1)
Z11
0.360″ x 0.270″ Microstrip
Z12
0.050″ x 0.270″ Microstrip
Z13
0.110″ x 0.060″ Microstrip
Z14
0.220″ x 0.060″ Microstrip
Z15
0.100″ x 0.060″ Microstrip
Z16
0.870″ x 0.060″ Microstrip
Z17
0.240″ x 0.060″ Microstrip
Z18
0.340″ x 0.060″ Microstrip
Board
Taconic RF-35-0300, εr = 3.5
Z14
C18
RF
INPUT
RF
OUTPUT
Z1
Z2
VGG
C1
L1
VDD
Z3
Z10
Z11
Z9
L2
B2
Z4
Z13
C16
B1
C8
C2
C5
C17
C9
Z15
Z18
C14
+
++
+
DUT
C7
C15
C3
C4
C6
C10
C11
C12
Z16
Z17
Z8
C13
Z5
Z6
Z7
Z12
Table 1. 930 - 960 MHz Broadband Test Circuit Component Designations and Values
Part
Description
Value, P/N or DWG
Manufacturer
B1
Short Ferrite Bead, Surface Mount
95F786
Newark
B2
Long Ferrite Bead, Surface Mount
95F787
Newark
C1, C7, C14, C15
47 pF Chip Capacitors, B Case
100B470JP 500X
ATC
C2
0.6-4.5 Variable Capacitor, Gigatrim
44F3360
Newark
C3, C11
3.9 pF Chip Capacitors, B Case
100B3R6BP 500X
ATC
C4, C12
0.8-8.0 Variable Capacitors, Gigatrim
44F3360
Newark
C5, C6
6.8 pF Chip Capacitors, B Case
100B7R5JP 500X
ATC
C8, C16, C17
10 µF, 35 V Tantulum Chip Capacitors
93F2975
Newark
C9, C10
10 pF Chip Capacitors, B Case
100B100JP 500X
ATC
C13
1.8 pF Chip Capacitor, B Case (MRF9030MR1)
0.6-4.5 Variable Capacitor, Gigatrim (MRF9030MBR1)
100B1R8BP
44F3360
ATC
Newark
C18
220 µF Electrolytic Chip Capacitor
14F185
Newark
L1, L2
12.5 nH Coilcraft Inductors
A04T-5
Coilcraft
WB1, WB2
20 mil Brass Shim (0.250 x 0.250)
RF-Design Lab
RF-Design Lab
PCB
Etched Circuit Board
900 MHz µ250/Viper Rev 02
DSelectronics
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MRF9030MR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9060MR1 The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030LR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF19030LR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S19100HR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF18085A The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF1517T1 The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS 1  2  3  4  5  More Motorola, Inc
MRF21120 The RF Sub-Micron MOSFET Line RF Power Field Effect Trasistor N-Channel Enhancement-Mode Lateral MOSFET 1  2  3  4  5  More Motorola, Inc
MRF5S21130 The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S21100LR3 The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn