Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3094MPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IR3094MPBF
Description  3 PHASE PWM CONTROLLER FOR POINT OF LOAD
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3094MPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IR3094MPBF Datasheet HTML 3Page - International Rectifier IR3094MPBF Datasheet HTML 4Page - International Rectifier IR3094MPBF Datasheet HTML 5Page - International Rectifier IR3094MPBF Datasheet HTML 6Page - International Rectifier IR3094MPBF Datasheet HTML 7Page - International Rectifier IR3094MPBF Datasheet HTML 8Page - International Rectifier IR3094MPBF Datasheet HTML 9Page - International Rectifier IR3094MPBF Datasheet HTML 10Page - International Rectifier IR3094MPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
IR3094PBF
Page 7 of 29
09/26/05
Note 1: Guaranteed by design, but not tested in production
Note 2: VREF Output is trimmed to compensate for Error Amp input offsets errors
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Share Adjust Error Amplifier
Input Offset Voltage
Note 1
-5
0
5
mV
MAX Duty Cycle Adjust Ratio
Compare Duty Cycle to GATEH1
1.5
2.0
MIN Duty Cycle Adjust Ratio
Compare Duty Cycle to GATEH1
0.6
0.5
Transconductance
Note 1
100
200
300
PA/V
SCOMPX Source/Sink Current
16
22
28
PA
SCOMPX Precondition and
GATELX Release Threshold
V(FB)
0.6
0.67
0.74
V
SCOMP precondition current
160
360
560
PA
Duty Cycle Match at Startup
Compare Duty Cycle to GATEHX
-7
-1
7
%
0% Duty Cycle Comparator
Threshold Voltage
Below Internal Ramp1 Start Voltage
-25
25
75
mV
Propagation Delay
VCCLX= 8V. Step EAOUT from .8V to
.3V and measure time to GATELX
transition to < 7V.
200
400
ns
OVP
Comparator Threshold
Compare to V(VREF)
120
150
200
mV
Power-up Headroom for OVP
Flag
VCC=OVPSNS where V(OVP)>0.5V.
Same for 5VUVL=OVPSNS.
0.8
1.1
1.8
V
OVPSNS Threshold at Power-
up
VCC=2V, V(OVP) >0.5V. Same for
V(5VUVL)=2V.
0.3
0.48
0.85
V
SS/DEL Power-up Clear
Threshold
VCC=12V, V(OVPSNS)=1V,
VREF=1.6V, where OVP<0.5V
0.35
0.60
0.95
V
Propagation Delay
VCCLX= 8V. V(EAOUT)=0V. Step
OVPSNS 540mV + V(VREF). Measure
time to GATELX transition to >1V.
Note 1.
150
350
650
ns
OVP Source Current
V(OVP)=0.5V, VCC=1.8V, 5VUVL=0V
10
75
PA
OVP Pull Down Resistance
OVP to LGND
30
60
100
k
Ÿ
OVP High Voltage
I(OVP)=10uA, V(VCC) or V(5VUVL)-
V(OVP), VCC=1.8V
0.4
0.70
1.1
V
OVPSNS Bias Current
-6.0
-3.0
1.5
uA
5VREF
Short Circuit Current
20
45
60
mA
Supply Voltage
I(5VREF)=0A
4.5
5
5.5
V
General
VCC Supply Current
V(VCC)=16V
28.5
35
40.5
mA
VOSNS- Current
-0.3V
” VOSNS- ” 0.3V
0.6
0.8
1.2
mA
VCCHX and VCCL3 Current
V(VCCHX)=28V, V(VCCL3)=14V
3
5
7
mA
VCCL1_2 Supply Current
V(VCCL1_2)=14V
6
10
17
mA
5VUVL Supply Current
V(5VUVL)=5V, no OVP condition
100
200
400
uA
Non_Sync to Sync Threshold
70.6
77.7
87
%VRE
F


Similar Part No. - IR3094MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3092 IRF-IR3092 Datasheet
619Kb / 37P
   2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3092MTR IRF-IR3092MTR Datasheet
619Kb / 37P
   2 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3093M IRF-IR3093M Datasheet
693Kb / 39P
   3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
IR3093MTR IRF-IR3093MTR Datasheet
693Kb / 39P
   3 PHASE OPTERON, ATHLON, OR VR10.X CONTROL IC
More results

Similar Description - IR3094MPBF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9240 TI-UCD9240 Datasheet
565Kb / 21P
[Old version datasheet]   UCD9240 Digital Point of Load System Controller
logo
Richtek Technology Corp...
RT8889D RICHTEK-RT8889D Datasheet
611Kb / 44P
   3-Phase PWM Controller
logo
CUI INC
VPOL5A-12-SIP CUI-VPOL5A-12-SIP Datasheet
248Kb / 12P
   point of load converter
VPOL10A-12W-SIP CUI-VPOL10A-12W-SIP Datasheet
562Kb / 13P
   point of load converter
VPOL15A-5-SMT CUI-VPOL15A-5-SMT Datasheet
256Kb / 11P
   point of load converter
VPOL20A-12W-SIP CUI-VPOL20A-12W-SIP Datasheet
685Kb / 14P
   point of load converter
VPOL5A-12-SMT CUI-VPOL5A-12-SMT_V01 Datasheet
2Mb / 11P
   POINT OF LOAD CONVERTER
11/02/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP_V01 Datasheet
2Mb / 11P
   POINT OF LOAD CONVERTER
10/14/2021
VPOL5A-5-SIP CUI-VPOL5A-5-SIP Datasheet
449Kb / 10P
   point of load converter
VPOL5A-5-SMT CUI-VPOL5A-5-SMT Datasheet
270Kb / 11P
   point of load converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com