Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILQ55-X009 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # ILQ55-X009
Description  Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILQ55-X009 Datasheet(HTML) 6 Page - Vishay Siliconix

  ILQ55-X009 Datasheet HTML 1Page - Vishay Siliconix ILQ55-X009 Datasheet HTML 2Page - Vishay Siliconix ILQ55-X009 Datasheet HTML 3Page - Vishay Siliconix ILQ55-X009 Datasheet HTML 4Page - Vishay Siliconix ILQ55-X009 Datasheet HTML 5Page - Vishay Siliconix ILQ55-X009 Datasheet HTML 6Page - Vishay Siliconix ILQ55-X009 Datasheet HTML 7Page - Vishay Siliconix ILQ55-X009 Datasheet HTML 8Page - Vishay Siliconix ILQ55-X009 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number 83621
Rev. 1.5, 26-Oct-04
IL30/ 31/ 55/ ILD30/ 31/ 55/ ILQ30/ 31/ 55
Vishay Semiconductors
Figure 5. HFE Current Gain vs. Base Current
Figure 6. Low to High Propagation Delay vs. Collector Load
Resistance and LED Current
Figure 7. High to low Propagation Delay vs. Collector Load
Resistance and LED Current
iil30_05
VCE=1 V
VCE=5 V
.01
.1
1
10
100
12000
10000
8000
6000
4000
2000
0
Base Current
iil30_06
0
5
10
15
20
0
20
40
60
80
Vcc=5V
Vth = 1.5 V
220
ıˇ
470
IF - LED Current - mA
100
1.0 k
iil30_07
0
5
10
15
20
0
5
10
15
20
100
1k
IF - LED Current - mA
Vcc = 5 V
Vth = 1.5 V
Figure 8. Switching Waveform
Figure 9. Switching Schematic
iil30_08
IF
tR
VO
tD
tS
tF
tPHL
tPLH
VTH=1.5 V
iil30_09
VO
RL
VCC =13.5 V
IF=50 mA
F=10 KHz,
DF=50%


Similar Part No. - ILQ55-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILQ55-X009 VISHAY-ILQ55-X009 Datasheet
175Kb / 9P
   Optocoupler, Photodarlington Output
Rev. 1.6, 14-Dec-07
ILQ55-X009T VISHAY-ILQ55-X009T Datasheet
232Kb / 10P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
Rev. 1.8, 28-Jul-14
ILQ55-X009T VISHAY-ILQ55-X009T Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2022
More results

Similar Description - ILQ55-X009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL30 VISHAY-IL30_V02 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2023
ILQ55 VISHAY-ILQ55_V01 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2022
IL30 VISHAY-IL30_14 Datasheet
232Kb / 10P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
Rev. 1.8, 28-Jul-14
IL66 VISHAY-IL66_07 Datasheet
681Kb / 9P
   Optocoupler, Photodarlington Output, with Internal RBE (Single, Dual, Quad Channel)
Rev. 1.6, 13-Dec-07
ILD32 VISHAY-ILD32 Datasheet
181Kb / 8P
   Optocoupler, Photodarlington Output, High Gain (Dual, Quad Channel)
Rev. 1.5, 26-Oct-04
ILQ32 VISHAY-ILQ32_V02 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
01-Jan-2023
ILQ32 VISHAY-ILQ32_11 Datasheet
183Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)
Rev. 1.8, 24-May-11
ILQ32 VISHAY-ILQ32_V01 Datasheet
180Kb / 6P
   Optocoupler, Photodarlington Output, High Gain (Quad Channel)s
01-Jan-2022
TCED2100 VISHAY-TCED2100_08 Datasheet
163Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
Rev. 1.6, 16-May-08
TCED2100 VISHAY-TCED2100_V01 Datasheet
155Kb / 8P
   Optocoupler, Photodarlington Output, Dual Channel, High Gain
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com