Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74CBTLV16214 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74CBTLV16214
Description  LOW-VOLTAGE 12-BIT 3:1 MUX / DEMUX BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74CBTLV16214 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74CBTLV16214 Datasheet HTML 1Page - Integrated Device Technology IDT74CBTLV16214 Datasheet HTML 2Page - Integrated Device Technology IDT74CBTLV16214 Datasheet HTML 3Page - Integrated Device Technology IDT74CBTLV16214 Datasheet HTML 4Page - Integrated Device Technology IDT74CBTLV16214 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDT74CBTLV16214
LOW-VOLTAGE 12-BIT 3:1 MUX / DEMUX BUS SWITCH
Open
VLOAD
GND
VCC
Pulse
Generator
D.U.T.
500
500
CL
RT
VIN
VOUT
(1, 2)
SAME PHASE
INPUT TRANSITION
OPPOSITE PHASE
INPUT TRANSITION
0V
0V
VOH
VOL
tPLH
tPHL
tPHL
tPLH
OUTPUT
VIH
VT
VT
VIH
VT
CONTROL
INPUT
tPLZ
0V
OUTPUT
NORMALLY
LOW
tPZH
0V
SWITCH
CLOSED
OUTPUT
NORMALLY
HIGH
ENABLE
DISABLE
SWITCH
OPEN
tPHZ
0V
VOL + VLZ
VOH
VT
VT
tPZL
VLOAD/2
VLOAD/2
VIH
VT
VOL
VOH -VHZ
TEST CIRCUITS AND WAVEFORMS
Propagation Delay
Test Circuits for All Outputs
Enable and Disable Times
NOTE:
1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
NOTES:
1. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2.5ns; tR ≤ 2.5ns.
2. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2ns; tR ≤ 2ns.
Test
Switch
tPLZ/tPZL
VLOAD
tPHZ/tPZH
GND
tPD
Open
SWITCH POSITION
Symbol
VCC(1)=3.3V±0.3V
VCC(2)=2.5V±0.2V
Unit
VLOAD
6
2 x Vcc
V
VIH
3
Vcc
V
VT
1.5
Vcc / 2
V
VLZ
300
150
mV
VHZ
300
150
mV
CL
50
30
pF
TEST CONDITIONS


Similar Part No. - IDT74CBTLV16214

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74CBTLV16210 IDT-IDT74CBTLV16210 Datasheet
57Kb / 5P
   LOW-VOLTAGE 20-BIT BUS SWITCH
IDT74CBTLV16210 IDT-IDT74CBTLV16210 Datasheet
87Kb / 5P
   LOW-VOLTAGE 20-BIT BUS SWITCH
IDT74CBTLV16210PA IDT-IDT74CBTLV16210PA Datasheet
57Kb / 5P
   LOW-VOLTAGE 20-BIT BUS SWITCH
IDT74CBTLV16210PAG IDT-IDT74CBTLV16210PAG Datasheet
87Kb / 5P
   LOW-VOLTAGE 20-BIT BUS SWITCH
IDT74CBTLV16210PAG8 IDT-IDT74CBTLV16210PAG8 Datasheet
87Kb / 5P
   LOW-VOLTAGE 20-BIT BUS SWITCH
More results

Similar Description - IDT74CBTLV16214

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST163214 IDT-IDT74FST163214 Datasheet
80Kb / 6P
   12-BIT 3:1 MUX/DEMUX SWITCH
logo
Pericom Semiconductor C...
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
   3:1 Mux/DeMux Bus Switch
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
   3:1 Mux/Demux Bus Switch
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
   12-Channel, 2:1 Mux/DeMux Bus Switch
logo
Integrated Device Techn...
IDT74CBTLVR16292 IDT-IDT74CBTLVR16292 Datasheet
69Kb / 5P
   LOW-VOLTAGE 12-BIT 1:2 MUX / DEMUX BUS SWITCH WITH INTERNAL PULL DOWN RESISTORS
IDT74CBTLV16292 IDT-IDT74CBTLV16292 Datasheet
68Kb / 5P
   LOW-VOLTAGE 12-BIT 1:2 MUX / DEMUX BUS SWITCH WITH INTERNAL PULL DOWN RESISTORS
logo
Renesas Technology Corp
74CBTLV16292 RENESAS-74CBTLV16292 Datasheet
268Kb / 6P
   LOW-VOLTAGE 12-BIT 1:2 MUX / DEMUX BUS SWITCH WITH INTERNAL PULL DOWN RESISTORS
JUNE 2019
logo
Pericom Semiconductor C...
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
   Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
   2:1 Mux/Demux Bus Switch
logo
ON Semiconductor
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
   Mux / Demux Bus Switch
July, 2014 ??Rev. P0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com