Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DSEP60-025A Datasheet(PDF) 1 Page - IXYS Corporation

Part No. DSEP60-025A
Description  HiPerFRED Epitaxial Diode with soft recovery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSEP60-025A Datasheet(HTML) 1 Page - IXYS Corporation

  DSEP60-025A Datasheet HTML 1Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© 2002 IXYS All rights reserved
1 - 1
HiPerFREDTM Epitaxial Diode
with soft recovery
Features
• International standard package
• Planar passivated chips
• Very short recovery time
• Extremely low switching losses
• Low I
RM-values
• Soft recovery behaviour
• Epoxy meets UL 94V-0
Applications
• Antiparallel diode for high frequency
switching devices
• Antisaturation diode
• Snubber diode
• Free wheeling diode in converters
and motor control circuits
• Rectifiers in switch mode power
supplies (SMPS)
• Inductive heating
• Uninterruptible power supplies (UPS)
• Ultrasonic cleaners and welders
Advantages
• Avalanche voltage rated for reliable
operation
• Soft reverse recovery for low
EMI/RFI
• Low I
RM reduces:
- Power dissipation within the diode
- Turn-on loss in the commutating
switch
Dimensions see Outlines.pdf
Pulse test: Pulse Width = 5 ms, Duty Cycle < 2.0 %
Pulse Width = 300 µs, Duty Cycle < 2.0 %
Data according to IEC 60747 and per diode unless otherwise specified
IXYS reserves the right to change limits, test conditions and dimensions.
A = Anode, C = Cathode, TAB = Cathode
TO-247 AD
C
A
C(TAB)
C
A
I
FAV
= 60 A
V
RRM =250 V
t
rr
= 30 ns
DSEP 60-025A
V
RSM
V
RRM
Type
V
V
250
250
DSEP 60-025A
Symbol
Conditions
Maximum Ratings
I
FRMS
70
A
I
FAVM
T
C = 120°C; rectangular, d = 0.5
60
A
I
FSM
T
VJ = 45°C; tp = 10 ms (50 Hz), sine
600
A
E
AS
T
VJ = 25°C; non-repetitive
1.6
mJ
I
AS = 3.5 A; L = 180 µH
I
AR
V
A = 1.5·VR typ.; f = 10 kHz; repetitive
0.4
A
T
VJ
-55...+175
°C
T
VJM
175
°C
T
stg
-55...+150
°C
P
tot
T
C = 25°C
230
W
M
d
mounting torque
0.8...1.2
Nm
Weight
typical
6
g
Symbol
Conditions
Characteristic Values
typ.
max.
I
R
T
VJ =
25°C; V
R = VRRM
650
µA
T
VJ = 150°C; VR = VRRM
2.5
mA
V
F
I
F = 60 A;
T
VJ = 150°C
1.07
V
T
VJ =
25°C
1.31
V
R
thJC
0.65
K/W
R
thCH
0.25
K/W
t
rr
I
F = 1 A; -di/dt = 300 A/µs;
30
ns
V
R = 30 V; TVJ = 25°C
I
RM
V
R = 100 V;
I
F = 130 A; -diF/dt = 100 A/µs
5
6
A
T
VJ = 100°C
Preliminary data sheet


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn