Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SD1259 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. 2SD1259
Description  Silicon NPN triple diffusion planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1259 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD1259 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1259 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SD1259, 2SD1259A
Silicon NPN triple diffusion planar type
For power amplification with high forward current transfer ratio
s Features
q
High foward current transfer ratio hFE
q
Satisfactory linearity of foward current transfer ratio hFE
q
N type package enabling direct soldering of the radiating fin to
the printed circuit board, etc. of small electronic equipment.
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Base current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
IB
PC
Tj
Tstg
Ratings
80
100
60
80
6
6
3
1
40
1.3
150
–55 to +150
Unit
V
V
V
A
A
A
W
˚C
˚C
2SD1259
2SD1259A
2SD1259
2SD1259A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Collector cutoff current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Symbol
ICES
ICEO
IEBO
VCEO
hFE
*
VCE(sat)
fT
Conditions
VCE = 80V, IE = 0
VCE = 100V, IE = 0
VCE = 40V, IB = 0
VCB = 6V, IC = 0
IC = 25mA, IB = 0
VCE = 4V, IC = 0.5A
IC = 2A, IB = 0.05A
VCE = 12V, IC = 0.2A, f = 10MHz
min
60
80
500
typ
50
max
100
100
100
100
2500
1
Unit
µA
µA
µA
V
V
MHz
2SD1259
2SD1259A
2SD1259
2SD1259A
*h
FE Rank classification
Rank
Q
P
O
hFE
500 to 1000 800 to 1500 1200 to 2500
Unit: mm
1:Base
2:Collector
3:Emitter
N Type Package
8.5
±0.2
6.0
±0.5
1.5max.
0.8
±0.1
5.08
±0.5
2.54
±0.3
1.1max.
0.5max.
1.0
±0.1
3.4
±0.3
2
13
Unit: mm
8.5
±0.2
6.0
±0.3
3.4
±0.3
2.54
±0.3
5.08
±0.5
1.0
±0.1
0.8
±0.1
0 to 0.4
1.1 max.
R0.5
R0.5
123
1:Base
2:Collector
3:Emitter
N Type Package (DS)
Note: Ordering can be made by the common rank (PQ rank hFE = 500 to 1500) in the rank classification.


Similar Part No. - 2SD1259

ManufacturerPart No.DatasheetDescription
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
2SD1259 KEXIN-2SD1259 Datasheet
40Kb / 1P
   Silicon NPN Triple Diffusion Planar Type
2SD1259A KEXIN-2SD1259A Datasheet
40Kb / 1P
   Silicon NPN Triple Diffusion Planar Type
More results

Similar Description - 2SD1259

ManufacturerPart No.DatasheetDescription
Panasonic Semiconductor
Panasonic Semiconductor
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
2SD2453 KEXIN-2SD2453 Datasheet
40Kb / 1P
   Silicon NPN Triple Diffusion Planar Type
2SD1250 KEXIN-2SD1250 Datasheet
39Kb / 1P
   Silicon NPN Triple Diffusion Planar Type
Panasonic Semiconductor
Panasonic Semiconductor
2SC5392 PANASONIC-2SC5392 Datasheet
158Kb / 3P
   Silicon NPN triple diffusion planar type
2SC5121 PANASONIC-2SC5121 Datasheet
38Kb / 2P
   Silicon NPN triple diffusion planar type
2SD1742 PANASONIC-2SD1742 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type
2SD1264A-P PANASONIC-2SD1264A-P Datasheet
208Kb / 3P
   Silicon NPN triple diffusion planar type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
   Silicon NPN triple diffusion planar type
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
   Silicon NPN triple diffusion planar type
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
   Silicon NPN triple diffusion planar type
2SD1264 PANASONIC-2SD1264 Datasheet
45Kb / 2P
   Silicon NPN triple diffusion planar type
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz