Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74AVCBH324245 Datasheet(PDF) 6 Page - Texas Instruments

Part No. SN74AVCBH324245
Description  32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCBH324245 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AVCBH324245 Datasheet HTML 2Page - Texas Instruments SN74AVCBH324245 Datasheet HTML 3Page - Texas Instruments SN74AVCBH324245 Datasheet HTML 4Page - Texas Instruments SN74AVCBH324245 Datasheet HTML 5Page - Texas Instruments SN74AVCBH324245 Datasheet HTML 6Page - Texas Instruments SN74AVCBH324245 Datasheet HTML 7Page - Texas Instruments SN74AVCBH324245 Datasheet HTML 8Page - Texas Instruments SN74AVCBH324245 Datasheet HTML 9Page - Texas Instruments SN74AVCBH324245 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.ti.com
Electrical Characteristics
(1)
SN74AVCBH324245
32-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES550B – FEBRUARY 2004 – REVISED JUNE 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN TYP(2)
MAX
UNIT
IOH = –100 µA,
VI = VIH
1.4 V to 3.6 V
1.4 V to 3.6 V
VCCO – 0.2
IOH = –2 mA,
VI = VIH
1.4 V
1.4 V
1.05
VOH
IOH = –4 mA,
VI = VIH
1.65 V
1.65 V
1.2
V
IOH = –8 mA,
VI = VIH
2.3 V
2.3 V
1.75
IOH = –12 mA,
VI = VIH
3 V
3 V
2.3
IOH = 100 µA,
VI = VIL
1.4 V to 3.6 V
1.4 V to 3.6 V
0.2
IOH = 2 mA,
VI = VIL
1.4 V
1.4 V
0.35
VOL
IOH = 4 mA,
VI = VIL
1.65 V
1.65 V
0.45
V
IOH = 8 mA,
VI = VIL
2.3 V
2.3 V
0.55
IOH = 12 mA,
VI = VIL
3 V
3 V
0.7
IOHD = –6 mA,
VI = VIH
1.4 V
1.4 V
1.05
IOHD = –9 mA,
VI = VIH
1.65 V
1.65 V
1.2
VOH
V
IOHD = –15 mA,
VI = VIH
2.3 V
2.3 V
1.75
IOHD = –24 mA,
VI = VIH
3 V
3 V
2.3
IOHD = 6 mA,
VI = VIL
1.4 V
1.4 V
0.35
IOHD = 9 mA,
VI = VIL
1.65 V
1.65 V
0.45
VOL
V
IOHD = 15 mA,
VI = VIL
2.3 V
2.3 V
0.55
IOHD = 24 mA,
VI = VIL
3 V
3 V
0.7
II
Control inputs
VI = VCCB or GND
1.4 V to 3.6 V
3.6 V
±2.5
µA
VI = 0.49 V
1.4 V
1.4 V
11
VI = 0.57 V
1.65 V
1.65 V
25
IBHL(3)
µA
VI = 0.7 V
2.3 V
2.3 V
45
VI = 0.8 V
3 V
3 V
75
VI = 0.49 V
1.4 V
1.4 V
–11
VI = 1.07 V
1.65 V
1.65 V
–25
IBHH(4)
µA
VI = 1.7 V
2.3 V
2.3 V
–45
VI = 2 V
3 V
3 V
–75
1.6 V
1.6 V
100
1.95 V
1.95 V
200
IBHLO(5)
VI = 0 to VCC
µA
2.7 V
2.7 V
300
3.6 V
3.6 V
525
1.6 V
1.6 V
–100
1.95 V
1.95 V
–200
IBHHO(6)
VI = 0 to VCC
µA
2.7 V
2.7 V
–300
3.6 V
3.6 V
–525
(1)
VCCO is the VCC associated with the output port.
(2)
All typical values are at TA = 25°C.
(3)
The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to GND
and then raising it to VIL max.
(4)
The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to
VCC and then lowering it to VIH min.
(5)
An external driver must source at least IBHLO to switch this node from low to high.
(6)
An external driver must sink at least IBHHO to switch this node from high to low.
6


Similar Part No. - SN74AVCBH324245

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN74AVCBH324245 TI-SN74AVCBH324245 Datasheet
334Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCBH324245KR TI-SN74AVCBH324245KR Datasheet
334Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCBH324245 TI-SN74AVCBH324245_07 Datasheet
334Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74AVCBH324245

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN74AVCB324245 TI-SN74AVCB324245_06 Datasheet
276Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH32T245 TI-SN74AVCH32T245_09 Datasheet
598Kb / 21P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245 Datasheet
408Kb / 18P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC32T245 TI-SN74AVC32T245_07 Datasheet
400Kb / 17P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH32T245 TI-SN74AVCH32T245_07 Datasheet
565Kb / 21P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH32T245 TI-SN74AVCH32T245 Datasheet
418Kb / 19P
[Old version datasheet]   32-bit dual-supply bus transceiver with configurable voltage translation and 3-state outputs
SN74AVC32T245 TI-SN74AVC32T245_09 Datasheet
649Kb / 20P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCBH324245 TI-SN74AVCBH324245_07 Datasheet
334Kb / 14P
[Old version datasheet]   32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB324245 TI-SN74AVCB324245 Datasheet
330Kb / 13P
[Old version datasheet]   32 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz