Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D390MS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # D390MS
Description  IN-PHASE 4-WAY DIVIDERS/COMBINERS, POWER SMA/TYPE N 0.5-18 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D390MS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  D390MS Datasheet HTML 1Page - List of Unclassifed Manufacturers D390MS Datasheet HTML 2Page - List of Unclassifed Manufacturers D390MS Datasheet HTML 3Page - List of Unclassifed Manufacturers D390MS Datasheet HTML 4Page - List of Unclassifed Manufacturers D390MS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
An MCE Company
TRIANGLE
C O R P O R A T I O N
KEY: Inches[Millimeters] .XX ±.03 .XXX ±.010 [.X ±0.8 .XX ±0.25]
60 South Jefferson Road, Whippany, NJ 07981
Tel: 973-887-8100 • Fax: 973-884-0445
E-Mail: kdisales@aol.com
See us on the web @ www.kditriangle.com
10/98
6 WAY
DIVIDERS/COMBINERS, POWER
SUBASSEMBLY—WITH VARIABLE ATTENUATORS
GENERAL INFORMATION
The Model D387LS power divider subassembly incorporates unique
level set adjustable attenuators, each with a minimum adjustment
range of 0-12dB. Resistor isolated Wilkinson power dividers provide for
high isolation between signal paths, and include a power monitor func-
tion. The stripline construction provided throughout can be readily
modified for other custom applications.
ELECTRICAL SPECIFICATIONS
Model:
D387LS
Connectors:
Type N Output SMA Input
BNC Monitor Port
Frequency Range:
0.865 – 0.900 GHz
Insertion Loss:
14.5 ±0.5 dB at 0 dB Trim
3.0 +.5 –0 dB
Attenuator Trim:
0 to 12 dB Minimum
(Screwdriver)
RF Power:
+17 dBM
Isolation:
20 dB Minimum at 0 dB Trim
VSWR (All Ports):
1.60:1 Maximum
Operating Temperature: –30° to +70°C.
ELECTRICAL SPECIFICATIONS
Model:
D390MS
Connectors:
SMA/N
Frequency Range:
824-894 MHz
VSWR:
1.2:1 Maximum
Isolation:
20.0 dB Minimum
Insertion Loss:
8.5 dB Maximum (Includes
divide loss)
RF Power:
500 milliwatts Maximum
@ Combined Port
Amplitude Balance:
±0.2 dB Maximum
Phase Balance:
±0.2 Maximum
Operating Temperature:
–30° to +70°C.
ELECTRICAL SPECIFICATIONS
Model:
D333KS
Frequency:
.860-.900 GHz
VSWR:
1.35:1 Maximum
Isolation:
>27 dB J5-J6
(J1, J2, J3, J4 & J7 Open)
20 dB Minimum all other
Insertion Loss:
12.0 ± .4 dB (J7-J1, J7-J2)
Coupling:
10.0 ± .5 dB (J5-J1)
Path Loss:
4.5 dB Maximum (4.1 dB
Typical) (J7-J6)
RF Power:
50mW
Maximum
each
input
Operating Temperature:
–30° to +70°C.
Port Designations above indicate (RF OUT — RF IN)
.37[9,40]
7.250[184,2]
7.68[195,07] MAX.
.60[15,2]
TYP.
2.88[73,15]
5.38[136,65]
.44
[11,18]
.90
[22,9]
.61
[15,49]
2.750
[69,9]
3.00
[76,2]
1.20[30,5] TYP.
ATTENUATOR TRIM
6 PL
PER MIL-C-39012 6 PL
CONNECTOR PER MIL-C-39012
MATES WITH TYPE ‘BNC’ MALE
CONNECTOR PER MIL-C-39012
MATES WITH TYPE ‘SMA’ MALE
MATES WITH TYPE ‘N’ MALE CONNECTOR
.19[4,83] DIA,
4 PLS
KDI
64537
D387LS
D/C
J1
–3 DB
MON
J7
J6
J5
J4
J3
J2
ATTEN
J2
ATTEN
J3
ATTEN
J4
ATTEN
J5
ATTEN
J6
ATTEN
J7
MON
J1
DIV
3 WAY
DIV
3 WAY
DIV
2 WAY
DIV
2 WAY
VAR
ATTEN
VAR
ATTEN
VAR
ATTEN
VAR
ATTEN
VAR
ATTEN
VAR
ATTEN
3.00[76,2]
.25
[6,4]
5.500
±.005[140,0±0,13]
6.00[152,4]
.50
[12,7]
1.000
[25,4]
5 PLS
.38
[9,7]
.75
[19,1]
.75
[19,1]
1.50
[38,1]
.26
[6,6]
.59
[14,99]
.270[6,86]
DIA. THRU
2 MTG. HOLES
MATES WITH
SMA MALE
CONN PER
MIL-C-39012
MATES WITH
TYPE`N`MALE
CONN PER
MIL-C-39012
6 PLS
J7
J6
J5
J4
J3
J2
J1
KDI
64537
D390MS
D/C
1.50
[38,1]
3.00
[76,2]
1.000[25,4] TYP
6.00[152,4]
.38[9,65]
(7 PLS)
.13[3,3]
5.750[146,1]
.13
[3,3]
2.750
[69,9]
PRESS IN TYPE N FEM
MATES WITH N MALE CONN
PER MIL-C-39012 6 PLS.
(SEE NOTE 2)
.75
[19,1]
.59[14,99]
PRESS IN SMA FEM CONN
MATES WITN SMA MALE
PER MIL-C-39012 (SEE NOTE 1)
.27
[6,86]
.50
[12,7]
J1
J2
J3
J4
J5
J6
J7
.190[4,83] THRU 4 PLS.
KDI
64537
D333KS
D/C
Notes:
1. Connector SMA: Passivated Stainless Steel ASTM-A-582 (QQ-S-764) Body with Gold Plated
(MIL-G-45204 Type II, Class I, Grade C)
2. Connector N: Nickel Plated (QQ-N-290) over CU. Strike (MIL-C-14550) over Brass Body 1/2 HD
Comp 22 (QQ-B-626)
3. HSG: Chem Film (MIL-C-5541) Class 1A over Aluminum 6061-T6 per (QQ-A-250)


Similar Part No. - D390MS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D39020U2JH6 VISHAY-D39020U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D39020U2JH6 VISHAY-D39020U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
logo
List of Unclassifed Man...
D390CHX ETC1-D390CHX Datasheet
379Kb / 4P
   DISTRIBUTED GATE THYRISTORS
logo
Vishay Siliconix
D390J20C0GF6.J5R VISHAY-D390J20C0GF6.J5R Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
D390J20C0GF6.L2R VISHAY-D390J20C0GF6.L2R Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
More results

Similar Description - D390MS

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4004 FILTRONIC-4004 Datasheet
369Kb / 3P
   POWER DIVIDERS FOUR-WAY, 1 TO 18 GHZ
4008 FILTRONIC-4008 Datasheet
264Kb / 1P
   POWER DIVIDERS EIGHT-WAY, 2 TO 18 GHZ
4003 FILTRONIC-4003 Datasheet
273Kb / 2P
   POWER DIVIDERS - THREE WAY, 1 TO 18 GHZ
logo
Hirose Electric
2D-2000M-1 HIROSE-2D-2000M-1 Datasheet
165Kb / 6P
   2 GHz Band Power Dividers/Combiners
logo
Merrimac Industries, In...
QH-7-4.9 MERRIMAC-QH-7-4.9 Datasheet
238Kb / 2P
   POWER DIVIDERS/COMBINERS
113A MERRIMAC-113A Datasheet
100Kb / 1P
   POWER DIVIDERS / COMBINERS
logo
Anaren Microwave
4A0279 ANAREN-4A0279_14 Datasheet
202Kb / 4P
   Power Dividers 4-Way
44100 ANAREN-44100 Datasheet
185Kb / 3P
   Power Dividers 4-Way
4A0456 ANAREN-4A0456_14 Datasheet
438Kb / 4P
   Power Dividers 4-Way
44010 ANAREN-44010 Datasheet
167Kb / 3P
   Power Dividers 4-Way
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com