Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV102 Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV102
Description  PWM SOLENOID/VALVE DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV102 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV102 Datasheet HTML 4Page - Texas Instruments DRV102 Datasheet HTML 5Page - Texas Instruments DRV102 Datasheet HTML 6Page - Texas Instruments DRV102 Datasheet HTML 7Page - Texas Instruments DRV102 Datasheet HTML 8Page - Texas Instruments DRV102 Datasheet HTML 9Page - Texas Instruments DRV102 Datasheet HTML 10Page - Texas Instruments DRV102 Datasheet HTML 11Page - Texas Instruments DRV102 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
DRV102
8
SBVS009A
www.ti.com
BASIC OPERATION
The DRV102 is a high-side, bipolar power switch employ-
ing a pulse-width modulated (PWM) output for driving
electromechanical and thermal devices. Its design is opti-
mized for two types of applications: a two-state driver
(open/close) for loads such as solenoids and actuators, and
a linear driver for valves, positioners, heaters, and lamps. Its
wide supply range, adjustable delay to PWM mode, and
adjustable duty cycle make it suitable for a wide range of
applications. Figure 1 shows the basic circuit connections to
operate the DRV102. A 0.1
µF bypass capacitor is shown
connected to the power supply pin.
The Input (pin 1) is compatible with standard TTL levels.
Input voltages between +2.2V and +5.5V turn the device
output on, while pulling the pin low (0V to +1.2V), shuts the
DRV102 output off. Input current is typically 80
µA.
Delay Adjust (pin 2) and Duty Cycle Adjust (pin 3) allow
external adjustment of the PWM output signal. The Delay
Adjust pin can be left floating for minimum delay to PWM
mode (typically 15
µs) or a capacitor can be used to set the
delay time. Duty cycle of the PWM output can be controlled
by a resistor, analog voltage, or D/A converter. Figure 1b
provides an example timing diagram with the Delay Adjust
FIGURE 1. Basic Circuit Connections and Timing Diagram.
pin connected to 0.1
µF and duty cycle set for 25%. See the
“Delay Adjust” and “Duty Cycle Adjust” text for equations
and further explanation.
Ground (pin 4) is electrically connected to the package tab.
This pin must be connected to system ground for the
DRV102 to function. This serves as the DRV102 reference
ground.
The load (solenoid, valve, etc.) is connected between the
output (pin 6) and ground. For an inductive load, an external
flyback diode (D1 in Figure 1a) across the output is required.
The diode serves to maintain the hold force during PWM
operation. Depending on the application, the flyback diode
should be placed near the DRV102 or close to the solenoid
(see “Flyback Diode” text). The device’s internal clamp
diode, connected between the output and ground, should not
be used to carry load current. When driving inductive loads,
an additional diode in series with the out pin, D2, is required
(see “Series Diode” text).
The Flag (pin 7) provides fault status for under-current,
over-current, and thermal shutdown conditions. This pin is
active low with pin voltage typically +0.2V during a fault
condition. A small value capacitor may be needed between
Flag and ground for noisy applications.
RPWM
CD
Delay
Adjust
Input
(TTL-Compatible)
On
Off
Thermal Shutdown
Over/Under Current
Flag
DRV102
Load
Duty
Cycle
Adjust
VS
24kHz
Oscillator
PWM
23
1
7
6
Out
5
VS
4
Gnd
(Gnd electrically
connected to tab)
Delay
tP
tON
OUTPUT
VS
0
INPUT
+2.2V to +5.5V
0V to +1.2V
Duty Cycle =
= 25%
tON
tP
RPWM = 90.9kΩ
tON ≈ 10.4µs
tP ≈ 41.6µs (1/24kHz)
1a). Basic Circuit Connections
CD = 0.1µF (92ms constant dc output before PWM)
RPWM = 90.9kΩ
1b). Simplified Timing Diagram
(1)
D1
D2
CD = 0.1µF
92ms
• • •
• • •
Initial dc Output
(set by value
of CD)
PWM Mode
(resistor or voltage
controlled)
NOTE: (1) External flyback diode required for inductive loads to conduct load current during the off cycle.
Flyback diode shown near DRV102. For some applications with remotely located load, it may be desirable
to place the diode near the solenoid—see “Flyback Diode” text. Motorola MSRS1100T3 (1A, 100V) or
MBRS360T3 (3A, 60V).
0.1
µF
(+8V to +60V)


Similar Part No. - DRV102

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV102 BURR-BROWN-DRV102 Datasheet
253Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV102 TI1-DRV102 Datasheet
1,002Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
Burr-Brown (TI)
DRV102F BURR-BROWN-DRV102F Datasheet
253Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV102F TI1-DRV102F Datasheet
1,002Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
DRV102F/500 TI1-DRV102F/500 Datasheet
1,002Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
More results

Similar Description - DRV102

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV101 BURR-BROWN-DRV101 Datasheet
298Kb / 19P
   PWM SOLENOID/VALVE DRIVER
DRV102 BURR-BROWN-DRV102 Datasheet
253Kb / 19P
   PWM SOLENOID/VALVE DRIVER
logo
Texas Instruments
DRV101 TI1-DRV101_15 Datasheet
1,005Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
DRV102 TI1-DRV102_15 Datasheet
1,002Kb / 27P
[Old version datasheet]   PWM SOLENOID/VALVE DRIVER
logo
IC-Haus GmbH
IC-JE ICHAUS-IC-JE Datasheet
535Kb / 9P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_13 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_15 Datasheet
616Kb / 12P
   PWM RELAY/SOLENOID DRIVER
IC-GE ICHAUS-IC-GE_14 Datasheet
1Mb / 14P
   PWM RELAY/SOLENOID DRIVER
IC-JE ICHAUS-IC-JE_15 Datasheet
650Kb / 11P
   PWM RELAY/SOLENOID DRIVER
IC-GE100 ICHAUS-IC-GE100_13 Datasheet
534Kb / 12P
   PWM RELAY/SOLENOID DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com