Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D418M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D418M
Description  IN-PHASE 4-WAY DIVIDERS/COMBINERS, POWER SMA/TYPE N 0.5-18 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D418M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D418M Datasheet HTML 1Page - List of Unclassifed Manufacturers D418M Datasheet HTML 2Page - List of Unclassifed Manufacturers D418M Datasheet HTML 3Page - List of Unclassifed Manufacturers D418M Datasheet HTML 4Page - List of Unclassifed Manufacturers D418M Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
An MCE Company
TRIANGLE
C O R P O R A T I O N
KE Y
: Inches[Millimeters] .XX ±.03 .XXX ±.010 [.X ±0.8 .XX ±0.25]
60 South Jefferson Road, Whippany, NJ 07981
Tel: 973-887-8100 • Fax: 973-884-0445
E-Mail: kdisales@aol.com
See us on the web @ www.kditriangle.com
10/98
IN-PHASE 4-WAY
DIVIDERS/COMBINERS, POWER
SERIES YF
SMA/TYPE N 0.5-18 GHz
MODEL D418M
GENERAL SPECIFICATIONS
Frequency Range:
0.5 to 18.0 GHz
RF Impedance:
50 Ohms
RF Power:
The power handling capability for load
VSWR ’s less than 1.50 is 1 watt CW and
1 kW peak for frequencies up to 2.0 GHz,
and 400 mW CW and 0.4 kW peak for
frequencies from 2.0 GHz to 18.0 GHz.
Operating Temperature:
–55°C to +85°C
Connectors:
SMA or Type N Female
A
B
C
D
E
Out-
in
in
in
in
in
line
[mm]
[mm]
[mm]
[mm]
[mm]
2.00
2.25
1.800
0.25
0.50
1
[50,8]
[57,2]
[45,72]
[6,4]
[12,7]
2.60
2.75
2.400
0.25
0.70
2
[66,0]
[69,9]
[60,96]
[6,4]
[17,8]
2.00
1.75
1.800
0.25
0.50
3
[50,8]
[44,5]
[45,72]
[6,4]
[12,7]
4
1.60
2.00
1.400
0.20
0.40
[40,6]
[50,8]
[35,56]
[5,1]
[10,2]
5
3.20
2.50
3.000
0.20
0.40
[81,3]
[63,5]
[76,2]
[5,1]
[10,2]
1.60
1.50
1.400
0.20
0.40
6
[40,6]
[38,1]
[35,56]
[5,1]
[10,2]
4.00
1.75
3.750
7
[101,6]
[44,5]
[95,25]
4.00
2.75
3.750
8
[101,6]
[69,9]
[95,25]
4.00
1.25
3.750
9
[101,6]
[31,8]
[95,25]
4.00
2.00
3.750
10
[101,6]
[50,8]
[95,25]
4.00
1.00
3.750
11
[101,6]
[25,4]
[95,25]
12
Drawing on Request
SMA FEMALE
TYP.
0.38[9,7]
TYP.
OUT
OUT
OUT
OUT
IN
0.38[9,7]
B/2
B
C
A/2
0.10[2,54]
0.093[2,36]
DIA. THRU
2 MOUNTING
HOLES
E
TYP.
A
D
OUT
OUT
OUT
OUT
IN
C
A/2
0.13[3,3]
0.125[3,18]
DIA. THRU
2 MTG. HOLES
0.74
[18,8]
TYP.
0.50
[12,7]
1.00
[25,4]
TYP.
A
B/2
B
N FEMALE
TYP.
1.00
[25,4]
FIGURE 2 SERIES YF-N
FIGURE 1 SERIES YF
ELECTRICAL PERFORMANCE
4 WAY TYPE
Frequency
Maximum
Maximum
Minimum
Phase
Amplitude
Out- Out-
Model No. Type *
Range
In/Out
Insertion
Isolation
Balance
Balance
line
line
SMA
N
GHz
VSWR
Loss dB
dB
Degrees
dB
SMA
N
YF-23
YF-23N
0.5-1.0
1.25/1.20
0.5
20
3
0.3
1
7
YF-25
YF-25N
0.75-1.5
1.25/1.20
0.5
20
3
0.3
2
8
YF-51
YF-51N
0.5-2.0
1.40/1.30
1.0
18**
4
0.4
2
8
YF-28
YF-28N
1.0-2.0
1.30/1.20
0.5
20
3
0.3
3
7
YF-54
YF-54N
1.0-4.0
1.45/1.35
1.0
18
4
0.4
4
9
YF-30
YF-30N
1.5-3.0
1.30/1.20
0.6
20
3
0.3
5
7
YF-38
YF-38N
2.0-4.0
1.30/1.20
0.8
18
3
0.3
6
7
YF-55
YF-55N
2.0-8.0
1.50/1.40
1.2
16
5
0.5
1
10
YF-45
YF-45N
4.0-8.0
1.40/1.30
1.0
18
5
0.5
6
11
1.0-1.5
1.80/1.35
0.7
10
1
0.2
1.5-2.0
1.80/1.35
0.8
14
2
0.2
2.0-4.0
1.80/1.45
1.0
17
4
0.3
D418M
4.0-8.0
1.80/1.45
1.2
17
6
0.4
12
8.0-12.0
1.70/1.45
1.4
17
10
0.5
12.0-16.0
1.70/1.45
1.8
15
13
0.6
16.0-18.0
1.80/1.45
2.0
12
15
0.6
* Units with Type N connectors: up to 4GHz multiply VSWR’s by 1.05 and subtract 2 dB from isolation. Above
4GHz multiply VSWR’s by 1.10 and subtract 3dB from isolation.
** Greater than 30 dB over most of the frequency band.


Similar Part No. - D418M

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
D4184 AOSMD-D4184 Datasheet
292Kb / 6P
   40V N-Channel MOSFET
D4184 AOSMD-D4184 Datasheet
237Kb / 6P
   40V N-Channel MOSFET
logo
ON Semiconductor
D4184 ONSEMI-D4184 Datasheet
103Kb / 7P
   Power MOSFET and Schottky Diode -30 V, -4.0 A, Single P-Channel with 20 V, 2.2 A, Schottky Barrier Diode
March, 2008 - Rev. 0
logo
Alpha & Omega Semicondu...
D4184A AOSMD-D4184A Datasheet
237Kb / 6P
   40V N-Channel MOSFET
logo
Beijing Yaohuadechang E...
D4185-101 YHDC-D4185-101 Datasheet
1Mb / 1P
   Driver Transformer
More results

Similar Description - D418M

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
4004 FILTRONIC-4004 Datasheet
369Kb / 3P
   POWER DIVIDERS FOUR-WAY, 1 TO 18 GHZ
4008 FILTRONIC-4008 Datasheet
264Kb / 1P
   POWER DIVIDERS EIGHT-WAY, 2 TO 18 GHZ
4003 FILTRONIC-4003 Datasheet
273Kb / 2P
   POWER DIVIDERS - THREE WAY, 1 TO 18 GHZ
logo
Hirose Electric
2D-2000M-1 HIROSE-2D-2000M-1 Datasheet
165Kb / 6P
   2 GHz Band Power Dividers/Combiners
logo
Merrimac Industries, In...
QH-7-4.9 MERRIMAC-QH-7-4.9 Datasheet
238Kb / 2P
   POWER DIVIDERS/COMBINERS
113A MERRIMAC-113A Datasheet
100Kb / 1P
   POWER DIVIDERS / COMBINERS
logo
Anaren Microwave
4A0279 ANAREN-4A0279_14 Datasheet
202Kb / 4P
   Power Dividers 4-Way
44100 ANAREN-44100 Datasheet
185Kb / 3P
   Power Dividers 4-Way
4A0456 ANAREN-4A0456_14 Datasheet
438Kb / 4P
   Power Dividers 4-Way
44010 ANAREN-44010 Datasheet
167Kb / 3P
   Power Dividers 4-Way
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com