Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX20152 Datasheet(PDF) 5 Page - Sony Corporation

Part # CX20152
Description  Dual 16 Bit, 88kHz, Multiplexed D/A .
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CX20152 Datasheet(HTML) 5 Page - Sony Corporation

  CX20152 Datasheet HTML 1Page - Sony Corporation CX20152 Datasheet HTML 2Page - Sony Corporation CX20152 Datasheet HTML 3Page - Sony Corporation CX20152 Datasheet HTML 4Page - Sony Corporation CX20152 Datasheet HTML 5Page - Sony Corporation CX20152 Datasheet HTML 6Page - Sony Corporation CX20152 Datasheet HTML 7Page - Sony Corporation CX20152 Datasheet HTML 8Page - Sony Corporation CX20152 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image


Similar Part No. - CX20152

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CX20102 SONY-CX20102 Datasheet
134Kb / 9P
   PCM-RF SIGNAL PROCESSING
CX20116 SONY-CX20116 Datasheet
592Kb / 10P
   8 bit, 100 MHz Flash A/D Converter
CX20125 SONY-CX20125 Datasheet
132Kb / 7P
   CX20125
CX20148 SONY-CX20148 Datasheet
377Kb / 16P
   NOISE REDUCTION
logo
Kyocera Kinseki Corpota...
CX2016DB KSS-CX2016DB Datasheet
125Kb / 1P
   2.0횞1.6mm for Consumer Products
More results

Similar Description - CX20152

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CX20017 SONY-CX20017 Datasheet
119Kb / 1P
   DUAL 16 BIT, 44Hz, MULTIPLEXED D/A
CX23060 SONY-CX23060 Datasheet
45Kb / 1P
   Dual 10 bit, 50 KHz, Multiplexed A/D D/A
logo
ADL Embedded Solutions
104-AIO16-16E ADL-104-AIO16-16E Datasheet
458Kb / 2P
   16-bit, 16-channel A/D with 12-bit D/A
logo
Analog Devices
AD9779 AD-AD9779 Datasheet
1Mb / 34P
   Dual 16-Bit, 1.0 GSPS D/A Converter
Rev. PrD
logo
LSI Computer Systems
LS7060 LSI-LS7060_03 Datasheet
83Kb / 6P
   32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
LS7060 LSI-LS7060 Datasheet
64Kb / 7P
   32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
LS7061 LSI-LS7061 Datasheet
68Kb / 7P
   32 BIT/DUAL 16 BIT BINARY UP COUNTER WITH BYTE MULTIPLEXED THREE-STATE OUTPUTS
logo
Sanyo Semicon Device
LC7880M SANYO-LC7880M Datasheet
228Kb / 6P
   16 bit D/A CONVERTER
LC78866V SANYO-LC78866V Datasheet
138Kb / 6P
   16-bit A/D Converter?
LC78865M SANYO-LC78865M Datasheet
119Kb / 6P
   16-bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com