Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
BA00BC0WFP Datasheet(PDF) 2 Page - Rohm
Part No.
BA00BC0WFP
Description
1.0A
Low-Dropout
Voltage
Regulator
with
Shut
down
Switch
(Adjustable)
Download
6 Pages
Scroll/Zoom
100%
Maker
ROHM [Rohm]
Homepage
http://www.rohm.com
Logo
BA00BC0WFP Datasheet(HTML) 2 Page - Rohm
zoom in
zoom out
2
/ 6 page
Html Pages
1
2
3
4
5
6
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
BA00BC0WT-V5
1.0A
Low-Dropout
Voltage
Regulator
with
Shut
down
Switch
Adjustable
1
2
3
4
5
More
Rohm
BAXXBC0FP
1.0A
Low-Dropout
Voltage
Regulator
with
Shut
down
Switch
1
2
3
4
5
More
Rohm
BAXXBC0T
1.0A
Low-Dropout
Voltage
Regulator
with
Shut
down
Switch
1
2
3
4
5
More
Rohm
BAXXBC0WFP
1.0A
Low-Dropout
Voltage
Regulator
with
Shut
down
Switch
1
2
3
4
5
More
Rohm
BAXXBC0WT
1.0A
Low-Dropout
Voltage
Regulator
with
Shut
down
Switch
1
2
3
4
5
More
Rohm
BAXXBC0WT-V5
1.0A
Low-Dropout
Voltage
Regulator
with
Shut
down
Switch
1
2
3
4
5
More
Rohm
BA00JC5WT
1.5A
Low-Dropout
Voltage
Regulator
with
Shut
down
Switch
1
2
3
4
5
More
Rohm
BA00CC0WT
1A
Low
Dropout
Voltage
Regulator
with
Shut
Down
Switch
Adjustable
Voltage
1
2
3
4
5
More
Rohm
BA00JC5WT-V5
1.5A
Low-Dropout
Voltage
Regulator
with
Shut
down
Switch
1
2
3
4
5
More
Rohm
BA00CC0WFP
1A
Low
Dropout
Voltage
Regulator
with
Shut
Down
Switch
Adjustable
Voltage
1
2
3
4
5
More
Rohm
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn