Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SD1211 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. 2SD1211
Description  Silicon NPN epitaxial planer type(For low-frequency amplification)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1211 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SD1211 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1211 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Transistor
PC — Ta
IC — VCE
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
Area of safe operation (ASO)
0
160
40
120
80
140
20
100
60
0
1.2
1.0
0.8
0.6
0.4
0.2
Ambient temperature Ta (˚C)
012
10
8
26
4
0
200
160
120
80
40
Ta=25˚C
0.2mA
0.1mA
0.3mA
0.4mA
0.5mA
0.6mA
0.7mA
0.8mA
0.9mA
I
B=1.0mA
Collector to emitter voltage V
CE
(V)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
25˚C
–25˚C
Ta=75˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
Ta=–25˚C
25˚C
75˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0
600
500
400
300
200
100
Ta=75˚C
25˚C
–25˚C
I
C/IB=10
Collector current I
C
(A)
–1
–3
–10
–30
–100
0
400
300
100
250
350
200
50
150
V
CB=10V
Ta=25˚C
Emitter current I
E
(mA)
1
3
10
30
100
0
80
60
20
50
70
40
10
30
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
1
10
100
1000
3
30
300
0.001
0.003
0.01
0.03
0.1
0.3
1
3
10
Single pulse
Ta=25˚C
t=10ms
t=1s
I
CP
I
C
Collector to emitter voltage V
CE
(V)
2SD1211


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn