Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCFGB1C106K8R Datasheet(PDF) 5 Page - Rohm

Part # TCFGB1C106K8R
Description  Chip tantalum capacitors with open-function built-in
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGB1C106K8R Datasheet(HTML) 5 Page - Rohm

  TCFGB1C106K8R Datasheet HTML 1Page - Rohm TCFGB1C106K8R Datasheet HTML 2Page - Rohm TCFGB1C106K8R Datasheet HTML 3Page - Rohm TCFGB1C106K8R Datasheet HTML 4Page - Rohm TCFGB1C106K8R Datasheet HTML 5Page - Rohm TCFGB1C106K8R Datasheet HTML 6Page - Rohm TCFGB1C106K8R Datasheet HTML 7Page - Rohm TCFGB1C106K8R Datasheet HTML 8Page - Rohm TCFGB1C106K8R Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TCFG series
Tantalum capacitors
5/15
Item
Performance
Test conditions
Capacitance
Solderability
Inspect the solder cover of
the terminals using a solder
immersion test
At least 3 / 4 of the surface of the immersed
terminals must be covered with new solder.
Immersion speed: 25 ± 2.5mm / s
Pre-processing (accelerated aging):
leave for 1hr over boiling distilled water.
Solder temperature: 235 ± 5
°C
Immersion time: 2 ± 0.5s
Solder type: H63A
Flux: rosin 25%, IPA 75%
Resistance to
vibration
Value must be stable during measurement.
Appearance
Reverse
polarity
withstanding
voltage
No noticeable irregularities, and the markings
must be easy to read.
L.C
Must be less than or equal to twice the initial
specified value.
∆C / C
Within ± 10% of the value before the test.
tan
δ
Must be less than or equal to 1.5 times the
initial specified value.
Apply either 0.1 times the rated voltage,
or 3V, whichever is smaller, via a series
resister of 3
Ωmax. and 0.1Ωmin. at a
temperature of 85 ± 2
°C.
Appearance
No noticeable irregularities.
Vibrate in the X / Y axis at frequencies of
10~55~10Hz / minute for two hours
each, with a total vibration amplitude of
1.5mm.
Force
Printed circuit board
Device
Adhesion
Terminals must not detach.
With the device mounted on the printed
circuit board, apply a force of 0.5kg f
from each side for a period of 10 ± 1s.
External dimensions
Refer to "External dimensions"
Measure using slide calipers that meet
the requirements of JIS B7507 Class 2.
Markings
Resistance to
solvents
Marking must be easy to read.
Immerse in isopropyl alcohol for
30 ± 5s.


Similar Part No. - TCFGB1C106K8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGB1C106K8R ROHM-TCFGB1C106K8R Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFGB1C106K8R ROHM-TCFGB1C106K8R Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
More results

Similar Description - TCFGB1C106K8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG ROHM-TCFG Datasheet
119Kb / 15P
   Chip tantalum capacitors with open-function built-in
TCFG_P ROHM-TCFG_P Datasheet
138Kb / 14P
   Chip tantalum capacitors with open-function built-in
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
logo
Vishay Siliconix
TMCTX VISHAY-TMCTX Datasheet
247Kb / 13P
   Solid Tantalum Surface-Mount Chip Capacitors, Molded Case, Built-In Fuse
Revision: 26-Oct-17
logo
Toshiba Semiconductor
TA8523F TOSHIBA-TA8523F Datasheet
193Kb / 4P
   built-in enable function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com