Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM185-15NM Datasheet(PDF) 2 Page - International Rectifier

Part # OM185-15NM
Description  SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM185-15NM Datasheet(HTML) 2 Page - International Rectifier

  OM185-15NM Datasheet HTML 1Page - International Rectifier OM185-15NM Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OM183-5NM - OM186-15NM
3.5
ELECTRICAL CHARACTERISTICS (T
C = 25°C unless otherwise noted)
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
OM183/4/5/6 - 5 V
I
OUT = 0 mA, Tj = 25°C, VIN = 8 V
4.95
5.0
5.05
V
0 ≤ I
OUT ≤IFULL LOAD, 6.5 V ≤ VIN ≤ 30 V
4.90
5.0
5.10
V
OM183/4/5/6 - 12 V
I
OUT = 0 mA, Tj = 25°C, VIN = 15 V
11.88
12.0
12.12
V
0 ≤ I
OUT ≤IFULL LOAD, 13.5 V ≤ VIN ≤ 30 V
11.76
12.0
12.24
V
OM183/4/5/6 - 15 V
I
OUT = 0 mA, Tj = 25°C, VIN = 20 V
14.85
15.0
15.15
V
0 ≤ I
OUT ≤IFULL LOAD, 17.5 V ≤ VIN ≤ 30 V
14.70
15.0
15.30
V
Line Regulation
OM183/4/5/6 - 5 V
I
OUT = 0 mA, Tj = 25°C, 6.5 V ≤ VIN ≤ 20 V
0.5
10
mV
1.0
10
mV
6.5 V ≤ V
IN ≤ 30 V
2.0
25
mV
OM183/4/5/6 - 12 V
I
OUT = 0 mA, Tj = 25°C, 13.5 V ≤ VIN ≤ 25 V
1.0
25
mV
2.0
25
mV
13.5 V ≤ V
IN ≤ 30 V
4.0
60
mV
OM183/4/5/6 - 15 V
I
OUT = 0 mA, Tj = 25°C, 17.5 V ≤ VIN ≤ 25 V
2.0
50
mV
4.0
50
mV
17.5 V ≤ V
IN ≤ 30 V
8.0
100
mV
Load Regulation
OM183/4/5/6 - 5 V
V
IN = 8 V, 0 ≤ IOUT ≤IFULL LOAD,5
20
mV
T
j = 25°C
10
35
mV
OM183/4/5/6 - 12 V
V
IN = 15 V, 0 ≤ IOUT ≤IFULL LOAD,12
36
mV
T
j = 25°C
24
72
mV
OM183/4/5/6 - 15 V
V
IN = 20 V, 0 ≤ IOUT ≤IFULL LOAD,20
40
mV
T
j = 25°C
40
100
mV
Current Limit
OM183 - 5 V
V
IN = 10 V
8.0
9.5
A
OM183 - 12 V
V
IN = 17 V
8.0
9.5
A
OM183 - 15 V
V
IN = 20 V
8.0
9.5
A
OM184 - 5 V
V
IN = 10 V
5.5
6.5
A
OM184 - 12 V
V
IN = 17 V
5.5
6.5
A
OM184 - 15 V
V
IN = 20 V
5.5
6.5
A
OM185 - 5 V
V
IN = 10 V
3.2
4.0
A
OM185 - 12 V
V
IN = 17 V
3.2
4.0
A
OM185 - 15 V
V
IN = 20 V
3.2
4.0
A
OM186 - 5 V
V
IN = 10 V
1.5
1.8
A
OM186 - 12 V
V
IN = 17 V
1.5
1.8
A
OM186 - 15 V
V
IN = 20 V
1.5
1.8
A
Dropout Voltage
OM183/4/5/6 - 5 V
∆V
OUT = 50 mV, IOUT = IFULL LOAD
6.3
6.5
V
OM183/4/5/6 - 12 V
∆V
OUT = 120 mV, IOUT = IFULL LOAD
13.3
13.5
V
OM183/4/5/6 - 15 V
∆V
OUT = 180 mV, IOUT = IFULL LOAD
17.3
17.5
V
Quiescent Current
V
IN ≤ 30 V
5.0
14.0
mA
Thermal Regulation
T
A = 25°C, 30 ms pulse
OM183 - 5/12/15 V
0.002
0.01
%/W
OM184 - 5/12/15 V
0.003
0.015
%/W
OM185 - 5/12/15 V
0.004
0.02
%/W
OM186 - 5/12/15 V
0.008
0.04
%/W
Ripple Rejection
f = 120 Hz, C
OUT = 25 µF Tantalum
I
OUT = IFULL LOAD
OM183/4/5/6 - 5 V
V
IN = 8 V
63
dB
OM183/4/5/6 - 12 V
V
IN = 15 V
55
dB
OM183/4/5/6 - 15 V
V
IN = 20 V
60
dB
Thermal Resistance
Junction-To-Case OM183 - 5/12/15NM
2.1
°C/W
Junction-To-Case OM184 - 5/12/15NM
3.1
°C/W
Junction-To-Case OM185 - 5/12/15NM
4.1
°C/W
Junction-To-Case OM186 - 5/12/15NM
5.3
°C/W
Lead Temperature
5 Seconds at Case
225
°C
The • denotes the specifications which apply over the full operating temperature range.


Similar Part No. - OM185-15NM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM185-15SC ETC-OM185-15SC Datasheet
407Kb / 4P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
OM185-15ST ETC-OM185-15ST Datasheet
407Kb / 4P
   7.5A, 5A, 3A, 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
More results

Similar Description - OM185-15NM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM185-5SM IRF-OM185-5SM Datasheet
35Kb / 2P
   SURFACE MOUNT LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS
logo
Diotec Semiconductor
LDI812C-3.3SFA DIOTEC-LDI812C-3.3SFA Datasheet
666Kb / 3P
   Low Dropout Positive Fixed Voltage Regulators Low-Dropout Positive Festspannungsregler
logo
Anaren Microwave
MSK5231 ANAREN-MSK5231 Datasheet
123Kb / 5P
   POSITIVE ADJUSTABLE, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
logo
M.S. Kennedy Corporatio...
MSK5231H MSK-MSK5231H Datasheet
187Kb / 5P
   POSITIVE ADJUSTABLE, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
International Rectifier
OM7621NM IRF-OM7621NM Datasheet
26Kb / 2P
   SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com